전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L2CE-1D-R/Q

  • AI
    The **L2CE-1D-R/Q** is a high-performance **Fiber Optic Transceiver Module**, specifically designed for Gigabit Ethernet and Fiber Channel applications. These parts are typically used in networking equipment to interface motherboard circuitry with optical fiber cables. --- ### 1. General Specifications The module follows the **SFP (Small Form-factor Pluggable)** standard, allowing for hot-swapping in switches and routers. | Feature | Specification | | :--- | :--- | | **Data Rate** | 1.25 Gbps (Gigabit Ethernet) / 1.0625 Gbps (Fiber Channel) | | **Media Type** | Single-Mode Fiber (SMF) | | **Wavelength** | 1310 nm | | **Reach/Distance** | Up to 10 km (standard for 1310nm SMF) | | **Connector Type** | Duplex LC | | **Voltage Supply** | 3.3V | --- ### 2. Key Electronic Components Internally, the L2CE-1D-R/Q consists of several critical sub-assemblies that manage the conversion between electrical and optical signals: #### A. The Transmitter Path * **Laser Diode (FP or DFB):** Converts electrical data pulses into infrared light. * **Laser Driver IC:** A high-speed integrated circuit that provides the necessary bias and modulation current to the laser diode. * **APC (Automatic Power Control):** Feedback circuitry that monitors the laser output and adjusts current to maintain constant optical power over temperature fluctuations. #### B. The Receiver Path * **PIN Photodiode:** Detects incoming optical signals and converts them back into a small electrical current. * **TIA (Trans-Impedance Amplifier):** Amplifies the weak current from the photodiode and converts it into a usable voltage signal. * **Limiting Amplifier:** Cleans up the signal from the TIA, ensuring a consistent logic-level output for the host system. #### C. Control and Monitoring * **EEPROM:** Stores identification data (vendor name, part number, serial number). * **DDM (Digital Diagnostic Monitoring):** Most modern versions of this part support DDM, allowing the host to monitor real-time parameters like temperature, supply voltage, and optical power. --- ### 3. Application and Usage These modules are widely used in professional networking environments: 1. **Enterprise Switches:** Connecting core switches to distribution layers. 2. **Storage Area Networks (SAN):** Used in Fiber Channel switches for high-speed data backup. 3. **Metropolitan Area Networks (MAN):** Because it uses Single-Mode Fiber at 1310nm, it can span several kilometers, making it ideal for campus-wide connectivity. --- ### 4. Comparison Table: SMF vs. MMF (Contextual) The L2CE-1D-R/Q is a **Single-Mode** device. Here is how it compares to Multi-Mode alternatives: | Attribute | Single-Mode (L2CE-1D-R/Q) | Multi-Mode (Short Reach) | | :--- | :--- | :--- | | **Fiber Core Diameter** | 9 microns | 50 or 62.5 microns | | **Typical Range** | 10km - 40km | 300m - 550m | | **Cost** | Higher (Laser-based) | Lower (LED/VCSEL-based) |
    ✨ Follow-up Questions
    • ⤷What is the power consumption of the L2CE-1D-R/Q module?
    • ⤷ Is this module compatible with Cisco or Juniper hardware?
    • ⤷ Does the 'Q' suffix indicate a specific industrial temperature rating?