L2CE-1J-R
AI

The **L2CE-1J-R** belongs to the **LuxiTune™** series by Lumileds. It is a high-performance COB (Chip on Board) LED module specifically designed for high-end architectural lighting, featuring **dynamic color tuning** and **warm dimming** capabilities.
---
## 1. Core Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Lumileds |
| **Series** | LuxiTune™ (Gen 3 / L2CE) |
| **Form Factor** | COB (Chip on Board) |
| **Color Temperature (CCT)** | 1800K to 3000K (Warm Dimming Range) |
| **Color Rendering Index (CRI)** | 90+ (High Fidelity) |
| **Typical Luminous Flux** | ~1100 to 1300 Lumens (at full power) |
| **Beam Angle** | 120° (Lambertian) |
---
## 2. Key Electronic Features
### A. Dim-to-Warm Functionality
Unlike standard LEDs that maintain a constant color temperature when dimmed, the L2CE-1J-R mimics incandescent bulbs. As the current decreases, the color temperature shifts from a crisp 3000K down to a warm, candle-like 1800K.
### B. Integrated Driver Compatibility
The "1J" variant is typically designed to work with specialized LED drivers that handle **0-10V** or **DALI** dimming protocols. It requires a constant current source to ensure thermal stability and color consistency.
### C. Thermal Management
The module is built on a ceramic substrate which provides:
* **Low Thermal Resistance:** Efficiently moves heat away from the LED junctions.
* **Reliability:** Long L70 lifetime (usually >50,000 hours) when properly heatsinked.
---
## 3. Application Use-Cases
The electronic properties of this part make it ideal for specific professional environments:
1. **Hospitality:** Hotels and restaurants requiring a transition from "daytime" bright light to "evening" mood lighting.
2. **Residential:** High-end smart home lighting systems.
3. **Retail:** Enhancing the visual appeal of products through high CRI and variable warmth.
---
## 4. Typical Connection Diagram (General)
```markdown
[ Power Source ] ---> [ Constant Current Driver ] ---> [ L2CE-1J-R Module ]
^
|
[ Dimming Control ] (0-10V / DALI)
```
- ⤷
What are the specific electrical current requirements for the L2CE-1J-R?
- ⤷ How does the L2CE series compare to the Luxeon Stylist series?
- ⤷ What type of heatsink is recommended for this specific COB module?