전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L2PA-60-R

  • AI
    The **L2PA-60-R** is a high-performance **Linear Power Amplifier (LPA)** module, typically utilized in wireless communication systems, signal boosters, and laboratory testing environments. It is designed to amplify low-power signals to a higher power level with minimal distortion. --- ### 1. Key Technical Specifications The "60" in the model name usually refers to the gain or the frequency range, depending on the specific manufacturer iteration (often associated with brands like L-com or Pasternack). | Parameter | Typical Value / Description | | :--- | :--- | | **Frequency Range** | Usually covers 700 MHz to 2700 MHz (Broadband) | | **Gain** | Approximately 50–60 dB | | **Output Power (P1dB)** | +30 to +40 dBm (1W to 10W range) | | **Impedance** | 50 Ohms (Standard RF) | | **Connector Type** | SMA Female (Input/Output) | | **Voltage Supply** | +12V to +28V DC | --- ### 2. Core Electronic Components The internal architecture of the L2PA-60-R consists of several critical stages: 1. **Input Attenuator/Limiter**: Protects the sensitive pre-amplifier stage from over-powering by the input source. 2. **Driver Stage**: A preliminary amplification stage that boosts the signal to a level sufficient to drive the final power transistor. 3. **Final Power Transistor (GaN or LDMOS)**: The heart of the unit. Gallium Nitride (GaN) or LDMOS transistors are used for high efficiency and linear performance across a wide bandwidth. 4. **Heat Sink & Thermal Management**: Because linear amplifiers dissipate a significant amount of energy as heat, the "R" often signifies a ruggedized housing with integrated cooling fins. 5. **Biasing Circuitry**: Ensures the transistors operate in **Class A** or **Class AB** for maximum linearity, reducing harmonic distortion. --- ### 3. Functional Features * **Linearity**: Crucial for digital modulations (like LTE or 5G). It ensures the output signal is a faithful reproduction of the input without clipping. * **Protection Circuits**: Most models include VSWR (Voltage Standing Wave Ratio) protection to prevent damage if the antenna is disconnected or mismatched. * **Status Indicators**: Usually equipped with LED indicators for DC Power and sometimes an ALC (Automatic Level Control) indicator. --- ### 4. Applications * **Signal Boosting**: Enhancing cellular coverage in dead zones. * **Laboratory Testing**: Used as a driver for high-power antennas during EMC testing. * **Remote Radio Heads (RRH)**: Serving as the power output stage for small cell base stations.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum input power rating for the L2PA-60-R to avoid damage?
    • ⤷ Does this model support Gallium Nitride (GaN) technology for higher efficiency?
    • ⤷ What are the specific DC power requirements and current draw for this amplifier?