전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L2PE-6A-R

  • AI
    ### Overview of L2PE-6A-R The **L2PE-6A-R** is a specific model of an **EMI (Electromagnetic Interference) Power Line Filter**. These components are critical in electronics for suppressing noise conducted through power lines, ensuring that devices meet electromagnetic compatibility (EMC) standards. --- ### Technical Specifications The table below outlines the primary electronic characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Single-Phase EMI Filter | | **Rated Voltage** | 115V / 250V AC | | **Rated Current** | 6 Amperes | | **Operating Frequency** | 50/60 Hz | | **Leakage Current** | 0.5mA to 1.0mA (at 250VAC) | | **Termination Style** | Faston / Solder Lug / Wire Lead | | **Mounting Type** | Panel Mount (Chassis) | --- ### Internal Electronic Parts An EMI filter like the L2PE-6A-R is a passive network consisting of specific electronic parts designed to act as a **low-pass filter**. #### 1. X-Capacitors (Line-to-Line) * **Function:** Connected across the AC lines. * **Purpose:** These capacitors filter out **differential mode noise** (noise occurring between the hot and neutral lines). #### 2. Y-Capacitors (Line-to-Ground) * **Function:** Connected from each AC line to the safety ground. * **Purpose:** These filter out **common-mode noise** (noise occurring between both lines and the ground). #### 3. Common-Mode Choke (Inductor) * **Function:** A ferrite core with two windings. * **Purpose:** It provides high impedance to high-frequency noise while allowing the 50/60Hz power current to pass through with minimal resistance. #### 4. Bleeder Resistor * **Function:** Connected in parallel with the X-capacitor. * **Purpose:** Safely discharges the energy stored in the capacitors once the power is disconnected, preventing electrical shock to the user. --- ### Common Applications The L2PE-6A-R is typically used in environments where electronic noise could interfere with sensitive circuitry: 1. **Switching Power Supplies (SMPS):** To prevent high-frequency switching noise from entering the utility grid. 2. **Medical Equipment:** Ensuring low leakage current for patient safety. 3. **Industrial Automation:** Protecting PLCs and sensors from motor drive interference. 4. **Consumer Electronics:** Computers and household appliances. --- ### Wiring Diagram Concept ```text Line (L) -------[ Inductor ]------- Load (L) | | [Cx] [Cy] | | Neutral (N) -------[ Inductor ]------- Load (N) | Ground ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between differential mode and common-mode noise in EMI filters?
    • ⤷ How do I choose between a 3A and a 6A rated EMI filter for my project?
    • ⤷ What are the safety standards (like UL or VDE) associated with the L2PE series?