L2PE-6D-R
AI

The **L2PE-6D-R** is a specific model of an **LED Light Bar** or signaling component, typically utilized in industrial automation, status indication, or emergency vehicle lighting. Based on its nomenclature and technical specifications, here is an explanation of its electronic parts and characteristics.
---
### 1. Technical Specifications
The "L2PE" series is generally characterized by high-intensity LEDs and a rugged housing designed for high visibility.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 12V - 24V DC (Universal) |
| **LED Count** | 6 High-Power Diodes |
| **Light Color** | Red (indicated by the "-R" suffix) |
| **Mounting Style** | Surface Mount / Recessed |
| **Ingress Protection** | IP67 (Waterproof/Dustproof) |
---
### 2. Key Electronic Components
The unit is not just a bulb but an integrated electronic module consisting of the following parts:
#### A. High-Intensity LED Diodes
* **Function:** The primary light source.
* **Detail:** It uses 6 individual LED chips. These are usually **SMD (Surface Mount Device)** LEDs mounted on a metal-core PCB to dissipate heat efficiently.
#### B. Internal Constant Current Driver
* **Function:** Regulates power.
* **Detail:** Since LEDs are sensitive to voltage fluctuations, the internal driver ensures a steady current flows through the diodes regardless of whether the input is 12V or 24V. This prevents flickering and burnout.
#### C. Flash Pattern Controller (Logic Chip)
* **Function:** Controls the "strobe" or "flashing" behavior.
* **Detail:** Contains pre-programmed sequences. Many "L" series lights allow for synchronization with other units so they flash in unison or alternating patterns.
#### D. Heat Sink / Housing
* **Function:** Thermal management.
* **Detail:** Usually made of extruded aluminum or heavy-duty polycarbonate. The "6D" often refers to the optical lens depth or the specific generation of the heat dissipation design.
---
### 3. Wiring Configuration
The unit typically features a 3-wire or 4-wire system to interface with industrial or vehicular controllers:
1. **Red (+):** Positive power input (12/24V).
2. **Black (-):** Ground.
3. **Yellow/White:** Pattern selection or Synchronization wire. Touching this to ground momentarily cycles through flash patterns.
---
### 4. Summary of Model Code
* **L2PE:** Series identifier (Compact/High-Power Light Bar).
* **6D:** Indicates 6 Diodes (LEDs).
* **R:** Color (Red).
- ⤷
What is the maximum current draw for the L2PE-6D-R at 12V?
- ⤷ Can this light bar be synchronized with other L2PE units?
- ⤷ Is the housing rated for high-vibration industrial environments?