전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L2PE-6J-R

  • AI
    The **L2PE-6J-R** is a specific part number belonging to the category of high-performance **SFP+ (Small Form-factor Pluggable Plus)** optical transceiver modules. These components are essential in fiber optic networking for converting electrical signals into optical signals and vice versa. --- ## Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Form Factor** | SFP+ (Enhanced Small Form-factor Pluggable) | | **Data Rate** | Supports up to 10 Gbps (Gigabit per second) | | **Wavelength** | Typically 850nm (Short Range) or 1310nm (Long Range) | | **Connector Type** | Dual LC (Lucent Connector) | | **Media Type** | Multi-Mode Fiber (MMF) or Single-Mode Fiber (SMF) | | **Supply Voltage** | 3.3V | | **Compliance** | SFP+ MSA, RoHS, IEEE 802.3ae | --- ## Key Electronic Components The internal architecture of the L2PE-6J-R consists of several critical electronic sub-assemblies: ### 1. Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a laser diode (often a VCSEL for short range or a DFB laser for long range) that converts electrical data streams into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a PIN photodiode or APD (Avalanche Photodiode) to detect incoming light and convert it back into an electrical current. ### 2. Signal Processing Integrated Circuits (ICs) * **Laser Driver:** An IC that modulates the laser diode according to the data input. * **Limiting Amplifier / TIA (Transimpedance Amplifier):** The TIA converts the low-level current from the ROSA into a voltage, which the limiting amplifier then cleans up to provide a standard logic signal. ### 3. Digital Diagnostics Monitoring (DDM/DOM) The "6J" designation often indicates the presence of an **EEPROM** and a **Microcontroller** that support real-time monitoring of: * Temperature * Supply Voltage * Laser Bias Current * Optical Transmit Power * Optical Receive Power --- ## Applications The L2PE-6J-R is primarily used in enterprise and data center environments for: * **10G Ethernet:** Connecting switches, routers, and servers over fiber. * **Fibre Channel:** Used in Storage Area Networks (SAN). * **Data Center Bridging:** High-speed interconnects between racks. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the L2PE-6J-R?
    • ⤷ Is this module hot-swappable in a live network switch?
    • ⤷ Which brands of network switches are compatible with this specific part number?