전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L3-R22

  • AI
    The **L3-R22** is a specific designation typically associated with high-power, industrial-grade **Wirewound Resistors**. These components are designed to handle significant electrical loads and dissipate heat efficiently in power electronics applications. --- ### 1. Technical Specifications The "R22" in the name typically refers to the resistance value, while "L3" often denotes the physical size or series within a manufacturer's catalog (commonly associated with brands like Ohmite or Vishay). | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Resistance Value** | 0.22 $\Omega$ (Ohms) | "R" acts as the decimal point in R22. | | **Component Type** | Fixed Wirewound Resistor | High stability and durability. | | **Power Rating** | 10W to 50W+ | Depends on the specific L3 physical size. | | **Tolerance** | $\pm 1\%$ to $\pm 5\%$ | Common for power-handling parts. | | **Construction** | Ceramic Core / Silicone Coating | Designed for high temperature. | --- ### 2. Internal Construction The L3-R22 is built to withstand thermal stress that would destroy standard film resistors. * **Core:** A high-grade ceramic (alumina) tube or rod that provides structural integrity and heat resistance. * **Element:** A resistive wire (often Nickel-Chromium or Copper-Nickel alloy) wound precisely around the core. * **Encapsulation:** Coated in vitreous enamel or silicone to protect the wire from oxidation and moisture. * **Terminals:** Solder-coated radial or axial leads, or "lug" style terminals for high-current bolting. --- ### 3. Common Applications Due to its low resistance (0.22 Ohms) and high power capacity, this part is rarely used in simple logic circuits and is instead found in: * **Current Sensing:** Used as a shunt to measure high current by monitoring the voltage drop across it ($V = I \times R$). * **Inrush Current Limiting:** Protecting power supplies from the initial surge when turned on. * **Braking Resistors:** Used in motor controllers to dissipate energy when a motor slows down. * **Voltage Dividers:** In high-power industrial power supplies. --- ### 4. Key Considerations for Implementation If you are integrating an L3-R22 into a PCB or system, keep the following in mind: 1. **Heat Dissipation:** These parts get extremely hot. They should be mounted with enough clearance from heat-sensitive components (like electrolytic capacitors). 2. **Inductance:** Because the element is a coil of wire, it has inherent inductance. It may not be suitable for high-frequency switching applications unless it is a "non-inductive" wound version. 3. **Derating:** Manufacturers specify power at 25°C. If the ambient temperature is higher, you must reduce the load (Derating) to prevent failure. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an inductive and non-inductive wirewound resistor?
    • ⤷ How do I calculate the heat dissipation requirements for a 0.22 Ohm resistor?
    • ⤷ Can I use an L3-R22 in a high-frequency AC circuit?