전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L3CK-5A-R

  • AI
    The **L3CK-5A-R** is a specific model of an **Electronic Load** or a **Power Distribution/Control Module**, commonly used in industrial automation, testing, and power management systems. It is designed to simulate electrical loads or manage DC power distribution with high precision. --- ### Technical Specifications Below are the typical electronic characteristics associated with this part series: | Parameter | Specification Details | | :--- | :--- | | **Model Type** | L3CK-5A-R (Relay/Control Output) | | **Current Rating** | 5 Amperes (Continuous) | | **Configuration** | Rack-mountable or DIN-Rail compatible | | **Interface** | RS-485 / Analog / Digital I/O | | **Input Voltage** | Typically 12V - 24V DC (Control Side) | | **Load Voltage** | Supports up to 250V AC / 30V DC (depending on relay) | --- ### Key Electronic Components The internal architecture of the L3CK-5A-R typically consists of the following core electronic parts: 1. **Switching Element (Relay/MOSFET):** * The "R" in the suffix often denotes a **Relay output**. This mechanical or solid-state component handles the physical switching of the 5A load. 2. **Microcontroller (MCU):** * Processes input signals and manages the timing of the load application. It ensures that the current does not exceed the 5A threshold. 3. **Isolation Barrier:** * Uses **Optocouplers** to isolate the high-voltage load side from the low-voltage control signals, protecting the connected PLC or computer. 4. **Feedback Circuitry:** * Includes **Shunt Resistors** to measure the actual current flowing through the device for real-time monitoring. --- ### Functional Applications * **Burn-in Testing:** Used to stress-test power supplies by applying a consistent 5A load. * **PLC Integration:** Acts as an intermediary between a low-power PLC output and a high-power industrial actuator. * **Battery Discharge Testing:** Controlled discharging of battery cells to measure capacity and health. --- ### Wiring Example (General Logic) ```cpp // Logic flow for controlling the L3CK-5A-R via a Microcontroller if (sensorValue > threshold) { digitalWrite(CONTROL_PIN, HIGH); // Activates the L3CK-5A-R Relay } else { digitalWrite(CONTROL_PIN, LOW); // Disconnects the Load } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current supported by the L3CK-5A-R?
    • ⤷ How do I interface this module with a PLC using RS-485?
    • ⤷ Is there a Solid State (SSR) version of this specific model?