전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L4-R18-10

  • AI
    Based on electronic component nomenclature, the part number **L4-R18-10** typically refers to a specific type of **Fixed Inductor** (Choke), often found in surface-mount or leaded configurations for power management and signal filtering. --- ### 1. Breakdown of Part Numbering Most manufacturers follow a standard logic for these parameters: | Code Segment | Meaning | Detailed Description | | :--- | :--- | :--- | | **L** | Component Type | Indicates an **Inductor** (L is the standard electrical symbol for inductance). | | **4** | Case Size / Series | Refers to the physical dimensions (e.g., 4mm width or a specific series 4 body). | | **R18** | Inductance Value | Represents **0.18 µH** (Microhenries). The 'R' acts as a decimal point. | | **10** | Tolerance | Usually signifies **±10%** deviation from the nominal inductance value. | --- ### 2. Technical Specifications While exact specs vary by manufacturer (such as Taiyo Yuden, Bourns, or Murata), a "4-series" 0.18µH inductor generally follows these patterns: * **Inductance:** 0.18 µH. * **Current Rating (I-sat):** Typically high for this low inductance value (often between 1.5A to 5A depending on package size). * **DC Resistance (DCR):** Very low (usually in the milliohm range), which minimizes power loss as heat. * **Operating Temperature:** Generally rated for -40°C to +125°C. --- ### 3. Common Applications This specific component is used in high-frequency circuits where small amounts of energy storage or noise suppression are required: 1. **DC-DC Converters:** Used as part of the output filter to smooth voltage ripples in buck or boost regulators. 2. **EMI Filtering:** Placed on signal lines to block high-frequency electromagnetic interference while allowing DC to pass. 3. **RF Circuits:** Used in matching networks or decoupling for high-speed communication modules. 4. **Mobile Electronics:** Due to the small form factor implied by the "4" series, these are common in smartphones and tablets. --- ### 4. Identification Tips If you are looking at the physical part: * **Color:** Usually grey, black, or blue (molded resin or ferrite core). * **Marking:** It might be laser-marked with "R18" on the top surface. * **Mounting:** Most modern versions are **SMD (Surface Mount Device)** with two metallic terminals on the bottom or sides.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces this specific L4-R18-10 part number?
    • ⤷ What are the physical dimensions of a 4-series inductor?
    • ⤷ Can I substitute a 0.18µH inductor with a higher tolerance value like 20%?