전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L8-E-R/

  • AI
    The **L8-E-R** typically refers to a specific series of high-performance **LED Indicator Lamps** (often manufactured by companies like IDEC or similar industrial component brands). These are widely used in control panels, automation systems, and industrial machinery. Below is a technical breakdown of its electronic components and specifications. --- ### 1. Technical Specifications The "L8" series is characterized by its miniature size and reliability. Here are the common electrical parameters: | Feature | Specification | | :--- | :--- | | **Component Type** | LED Pilot Light / Indicator | | **Lens Shape** | Square / Rectangular (varies by sub-model) | | **Termination** | Solder Terminal or Tab Terminal | | **Illumination** | Integrated High-Intensity LED | | **Operating Voltage** | Typically 6V, 12V, or 24V DC (Model dependent) | | **Current Draw** | Low (approx. 8mA to 20mA) | --- ### 2. Internal Electronic Parts The L8-E-R is not a single component but an assembly of several electronic parts designed to function as a signaling device: 1. **LED Die:** The light source itself, usually a Gallium Arsenide (GaAs) or similar semiconductor that emits light when forward-biased. 2. **Current-Limiting Resistor:** Built directly into the housing. This protects the LED from burning out by restricting the flow of current based on the rated voltage. 3. **Polarity Protection Diode:** Often included to prevent damage if the DC power supply is connected backward. 4. **Diffuser:** A plastic/polycarbonate lens (The "R" in the suffix usually stands for **Red**) that spreads the light evenly across the surface. --- ### 3. Part Number Decoding (L8-E-R) While manufacturers have slight variations, the code generally breaks down as follows: * **L8:** The series identifier (Miniature 8mm or similar mounting hole size). * **E:** Usually denotes the housing style or the specific electrical configuration (e.g., Extended or Encapsulated). * **R:** The color code for **Red**. --- ### 4. Key Advantages * **Longevity:** LEDs have a lifespan of 50,000+ hours compared to incandescent bulbs. * **Low Heat:** Because they are highly efficient, they do not melt plastic enclosures. * **Vibration Resistance:** Solid-state construction makes them ideal for heavy machinery.
    ✨ Follow-up Questions
    • ⤷ What are the different mounting hole sizes available for the L8 series?
    • ⤷ How do I calculate the external resistor if I want to use a higher voltage than 24V?
    • ⤷ Is the L8-E-R compatible with AC power sources?