전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L8001G-R20-R

  • AI
    The **L8001G-R20-R** is a specific part number typically associated with an **Integrated Circuit (IC)**, specifically a **Linear Voltage Regulator** (often a Low Dropout Regulator or LDO). It is commonly manufactured by UTC (Unisonic Technologies Co., Ltd). --- ### 1. Key Technical Specifications The "L8001" series is designed for low-power applications requiring stable voltage outputs. Below are the typical technical parameters for this specific variant: | Parameter | Specification | | :--- | :--- | | **Component Type** | CMOS Positive Voltage Regulator | | **Output Voltage** | Fixed (Often 1.2V, 1.8V, or 3.3V depending on suffix) | | **Max Output Current** | ~300mA to 500mA | | **Dropout Voltage** | Low Dropout (LDO) | | **Package Type** | SOT-89 or SOT-223 (Commonly) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Part Number Breakdown The alphanumeric code provides specific details about the component's construction: * **L8001**: The base model/series (Low Dropout Linear Regulator). * **G**: Denotes "Halogen Free" or "Green" compliance (environmental standard). * **R20**: Usually indicates the internal reference or a specific voltage version (e.g., 2.0V or a specific revision code). * **R**: Generally refers to the packaging style, specifically "Tape and Reel" for automated assembly. --- ### 3. Pin Configuration (Typical SOT-89) Most L8001 devices follow a standard 3-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground connection | | 2 | **VIN** | Input voltage supply | | 3 | **VOUT** | Regulated output voltage | --- ### 4. Application Areas These parts are used in electronic circuits where a stable, noise-free voltage is required from a higher or fluctuating battery source: * **Battery-powered devices**: Smartwatches, portable sensors. * **Communication equipment**: Modems and RF modules. * **Microcontrollers**: Providing stable VCC for MCUs. * **Voltage Reference**: Used in analog-to-digital conversion circuits. --- ### 5. Circuit Implementation Example To use this part effectively, external capacitors are required to maintain stability and filter noise: ```text Input (Vin) ----[ C1: 1uF ]----( Pin 2: VIN ) ( Pin 3: VOUT )----[ C2: 2.2uF ]---- Output (Vout) ( Pin 1: GND ) | Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the R20 suffix?
    • ⤷ What is the maximum input voltage rating for the L8001 series?
    • ⤷ Can this part be used in automotive applications?