전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L812HW-R33MF

  • AI
    The **L812HW-R33MF** is a high-performance **Shielded Surface Mount (SMD) Power Inductor**. It is primarily used in power management circuits, such as DC-DC converters, due to its ability to handle high currents while maintaining a compact footprint. --- ## 1. Technical Specifications The part number follows a specific nomenclature. Below are the typical technical parameters for this component: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **DCR (DC Resistance)** | Very low (typically < 2.0 mΩ) | | **Saturation Current** | High (typically 20A - 30A depending on heat sink) | | **Operating Temp** | -40°C to +125°C | | **Construction** | Metal Alloy Powder (Molded) | --- ## 2. Key Internal Components The L812HW-R33MF is built using **Molded Powder Technology**, which differs from traditional wire-wound inductors: 1. **Magnetic Core:** Made of a metallic iron powder alloy. This material allows for soft saturation characteristics, meaning the inductance doesn't drop off sharply when the current increases. 2. **Copper Coil:** A flat or round heavy-gauge copper wire is used inside to minimize DC resistance (DCR), which reduces heat and improves efficiency. 3. **Shielding:** The entire unit is encapsulated in a magnetic resin/powder, providing **Magnetic Shielding**. This prevents Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB. 4. **Terminals:** Lead-free (RoHS compliant) solder pads for SMD mounting. --- ## 3. Applications and Use Cases This specific inductor (0.33µH) is usually found in high-frequency, high-current power stages: * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU cards to provide stable power to CPUs/GPUs. * **DC-DC Buck Converters:** Used to step down voltage in telecommunications and industrial equipment. * **Battery Powered Devices:** High efficiency helps extend battery life by reducing energy lost as heat. --- ## 4. Advantages * **High Current Density:** Can handle large amounts of power relative to its size (approx 8x8mm footprint). * **Low Acoustic Noise:** The molded construction reduces "coil whine" (magnetostriction) compared to standard ferrite inductors. * **Stability:** Excellent stability over temperature fluctuations and high-frequency operation. ---
    ✨ Follow-up Questions
    • ⤷ What are the footprint dimensions for the L812HW series?
    • ⤷ How does the 0.33uH inductance value affect the ripple current in a buck converter?
    • ⤷ What is the difference between this metal alloy inductor and a standard ferrite core inductor?