전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L8401G-R16-R

  • AI
    ## Understanding the L8401G-R16-R The **L8401G-R16-R** is an integrated circuit, specifically a **Linear Voltage Regulator** or a **Power Management Integrated Circuit (PMIC)**, commonly manufactured by companies like UTC (Unisonic Technologies). It is designed to provide a stable output voltage from a higher or fluctuating input voltage. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the L8401 series, here are the primary technical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | CMOS Step-Down/Linear Regulator | | **Output Voltage** | Fixed (Often 1.2V to 5.0V depending on sub-suffix) | | **Max Input Voltage** | Typically up to 6V - 7V | | **Output Current** | Generally rated for 300mA to 600mA | | **Package Type** | SOT-26 or SOP-8 (R16-R suffix usually denotes specific tape/reel packaging) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Pin Configuration (Typical SOT-26) While you should always consult the specific datasheet for the "G" (Green/Halogen Free) variant, the standard pinout for this series is as follows: 1. **VIN**: Input Voltage Supply. 2. **GND**: Ground Reference. 3. **EN/CE**: Chip Enable (High = On, Low = Off). 4. **NC/FB**: No Connect or Feedback (for adjustable versions). 5. **VOUT**: Regulated Output Voltage. --- ### 3. Key Features * **Low Quiescent Current**: Designed to consume very little power during standby, making it ideal for battery-operated devices. * **Low Dropout (LDO)**: Can maintain a stable output even when the input voltage is only slightly higher than the output voltage. * **Protection Circuits**: Usually includes thermal shutdown and current limiting to prevent the chip from burning out under fault conditions. * **"G" Suffix**: Indicates that the part is **Halogen-Free** and meets specific environmental compliance standards. * **"R" Suffix**: Typically refers to the **Tape and Reel** packaging method for automated PCB assembly. --- ### 4. Common Applications * **Portable Electronics**: Smartphones, tablets, and handheld gaming consoles. * **Battery-Powered Systems**: Sensors and IoT devices where power efficiency is critical. * **Reference Voltage**: Providing a steady voltage to microcontrollers (MCUs) or Analog-to-Digital Converters (ADCs). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the R16-R variant of this chip?
    • ⤷ Can you provide a basic circuit diagram for connecting this LDO?
    • ⤷ What are the equivalent alternative parts for the L8401G?