전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L8562L-S08-R

  • AI
    The **L8562L-S08-R** is a specific integrated circuit manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is primarily used as a high-performance **Current Mode PWM (Pulse Width Modulation) Controller**, designed for off-line AC-DC flyback converter applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the L8562L-S08-R: | Parameter | Specification | | :--- | :--- | | **Package Type** | SOP-8 (Small Outline Package) | | **Operating Voltage (VCC)** | Up to 28V | | **Start-up Current** | Low (typically around 10μA) | | **Switching Frequency** | Fixed (with Frequency Shuffling for EMI) | | **Protection Features** | OVP, OLP, SCP, OTP | | **RoHS Status** | Halogen Free / Lead Free (indicated by 'L' and 'R') | --- ### 2. Functional Components and Pinout The SOP-8 package contains 8 pins, each serving a specific role in the power conversion process: 1. **GND:** Ground reference. 2. **FB (Feedback):** Monitors the output voltage to adjust the PWM duty cycle. 3. **VIN:** Start-up pin to provide initial power from the high voltage line. 4. **RI:** Sets the internal oscillation frequency via an external resistor. 5. **SENSE:** Current sense input for cycle-by-cycle current limiting. 6. **VCC:** Power supply pin for the IC. 7. **GATE:** Totem-pole output to drive the external Power MOSFET. 8. **NC/CS:** Depending on the specific revision, often used for additional sensing or left unconnected. --- ### 3. Core Features * **Frequency Shuffling:** It automatically varies the switching frequency slightly to spread out the energy of electromagnetic interference (EMI), making it easier to pass regulatory certifications. * **Green Mode Control:** At light loads or no-load conditions, the IC enters a "burst mode" to reduce power consumption, helping the device meet energy-saving standards (like Energy Star). * **Comprehensive Protection:** * **Over Voltage Protection (OVP):** Prevents damage if the feedback loop fails. * **Over Load Protection (OLP):** Limits power if the output is shorted. * **Internal Soft Start:** Reduces component stress during power-up. --- ### 4. Typical Applications This IC is commonly found in low-to-medium power conversion devices, including: * Laptop Power Adapters. * Battery Chargers for mobile electronics. * Open-frame Switching Power Supplies (SMPS). * Set-top box power units.
    ✨ Follow-up Questions
    • ⤷ How does frequency shuffling improve EMI performance in the L8562L?
    • ⤷ What is the difference between the L8562 and L8562L variants?
    • ⤷ Can you provide a basic application circuit diagram for this PWM controller?