전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L8UGDBK3392-R18

  • AI
    The part number **L8UGDBK3392-R18** refers to a high-performance **Solid State Drive (SSD)** manufactured by **SK Hynix**. This specific model is an OEM (Original Equipment Manufacturer) drive typically found in high-end laptops, workstations, and servers. Below is a breakdown of the electronic specifications and characteristics of this component. ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | SK Hynix | | **Form Factor** | M.2 2280 (80mm) | | **Interface** | NVMe PCIe Gen4 x4 | | **Capacity** | 512 GB (Standard for this series) | | **NAND Type** | 4D TLC (Triple Level Cell) | | **Protocol** | NVMe 1.4 | --- ### 2. Key Electronic Components The drive functions through the integration of three primary electronic sub-systems: #### A. The Controller The "brain" of the SSD. It manages data placement, error correction (ECC), and wear leveling. In this series, SK Hynix uses an in-house proprietary controller designed for high-speed PCIe Gen4 throughput. #### B. 4D NAND Flash Memory Unlike standard 3D NAND, SK Hynix utilizes **4D NAND** technology. This places the peripheral circuitry *under* the memory cell array (PUC - Peri. Under Cell), reducing the overall die size and improving electrical efficiency and data transfer speeds. #### C. DRAM Cache This model typically features an onboard LPDDR4 RAM chip. This acts as a high-speed buffer for the translation layer (mapping logical addresses to physical NAND locations), significantly reducing latency compared to DRAM-less drives. --- ### 3. Performance Metrics Due to the PCIe Gen4 interface, this part offers significantly higher electronic bandwidth than older Gen3 models: * **Sequential Read:** Up to ~6,000 - 6,400 MB/s. * **Sequential Write:** Up to ~3,800 - 4,000 MB/s. * **Power Consumption:** Optimized for mobile devices with advanced power states (L1.2 support) to preserve battery life. --- ### 4. Hardware Compatibility * **Physical Slot:** Requires an M-Key M.2 slot. * **Backward Compatibility:** While it uses PCIe 4.0, it is electronically backward compatible with PCIe 3.0 slots, though speeds will be capped at ~3,500 MB/s. * **Thermal Management:** As a Gen4 drive, it generates heat during sustained transfers. It features internal thermal throttling sensors to protect the NAND cells from heat degradation.
    ✨ Follow-up Questions
    • ⤷ How does 4D NAND differ electronically from standard 3D NAND?
    • ⤷ Is this SSD compatible with a PlayStation 5 console?
    • ⤷ What are the common failure symptoms for SK Hynix NVMe controllers?