전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LA5512

  • AI
    ## Overview of the LA5512 Integrated Circuit The **LA5512** is a monolithic linear integrated circuit designed specifically for **electronic governor applications**. It is primarily used to control the speed of small DC motors, such as those found in portable cassette recorders, radio-cassette players, and various battery-operated toy mechanisms. --- ### 1. Key Features The LA5512 is valued for its simplicity and efficiency in maintaining constant motor speed despite fluctuations in battery voltage or mechanical load. | Feature | Description | | :--- | :--- | | **Wide Operating Voltage** | Operates effectively across a broad range of supply voltages. | | **Speed Adjustment** | Motor speed can be finely tuned via an external resistor/potentiometer. | | **Low Quiescent Current** | Minimizes power consumption when the motor is running. | | **Temperature Stability** | Designed to maintain speed consistency across varying environmental temperatures. | | **Internal Reference** | Contains an internal reference voltage for precise regulation. | --- ### 2. Technical Specifications The typical electrical characteristics (usually measured at $Ta = 25^\circ C$) are as follows: | Parameter | Symbol | Typical Value/Range | | :--- | :--- | :--- | | **Supply Voltage Range** | $V_{CC}$ | 1.8V to 10V | | **Maximum Motor Current** | $I_m$ | Up to 700mA (peak) | | **Reference Voltage** | $V_{ref}$ | Approximately 1.2V | | **Quiescent Current** | $I_{d}$ | ~1.5mA to 3.0mA | --- ### 3. Pin Configuration and Functions The LA5512 typically comes in a small 4-pin or 5-pin package (such as a modified SIP or TO-126 style) to save space on small PCBs. 1. **Vcc**: Positive power supply input. 2. **Control/Adjustment**: Connected to an external resistor ($R_t$) to set the desired motor RPM. 3. **Motor Terminal**: Connected to the DC motor. 4. **Ground (GND)**: Common return path. --- ### 4. Basic Application Circuit In a standard configuration, the LA5512 acts as a feedback-controlled series regulator. ```markdown [VCC]-------+-----------+ | | [Motor] [LA5512] | | +----[RT]---+ | | [GND] [GND] ``` * **Operation Principle**: The IC senses the back-EMF (Electromotive Force) produced by the motor. If the motor slows down due to a load, the IC detects a drop in voltage and increases the current to the motor to bring the speed back to the preset level. --- ### 5. Common Use Cases * **Legacy Audio Gear**: Speed control for Walkmans and portable tape players. * **Small Robotics**: Precise control of low-torque DC brushed motors. * **DIY Projects**: Replacing mechanical speed governors with electronic ones for smoother performance.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent ICs for the LA5512 if it is discontinued?
    • ⤷ How do you calculate the external resistor value for a specific RPM?
    • ⤷ Can the LA5512 be used with brushless DC motors?