전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LA5523

  • AI
    ## LA5523 IC: Electronic Overview The **LA5523** is a monolithic linear integrated circuit designed primarily as a **DC motor speed controller** for low-voltage applications. It is commonly found in battery-operated equipment like portable cassette players, micro-cassette recorders, and small electronic toys. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Operating Voltage** | 1.8V to 10V (Optimized for 3V/6V systems) | | **Quiescent Current** | Low current consumption (~1.3mA typ.) | | **Output Current** | Up to 700mA (Peak) | | **Package Type** | SIP-4 (Single In-line Package) or Small Outline | | **Reference Voltage** | Internal 1.2V stable reference | --- ### 2. Functional Internal Components The LA5523 integrates several critical stages into a single chip to minimize the need for external components: * **Reference Voltage Generator:** Provides a stable voltage level regardless of battery fluctuations, ensuring the motor maintains a constant speed. * **Error Amplifier:** Compares the reference voltage with the feedback from the motor to adjust the power delivery. * **Current Limiter:** Protects the IC and the motor from damage during a stall or overload condition. * **Power Transistor:** The output stage that directly drives the DC motor. --- ### 3. Application Circuit Components To function, the LA5523 usually requires a few external "passive" parts: 1. **RT (Timing Resistor):** Connected to the control pin to set the base speed of the motor. 2. **K (Bridge Constant):** A resistor used to compensate for the internal resistance of the motor (Ra), preventing speed drops under load. 3. **Bypass Capacitors:** Usually a $0.1\mu F$ to $10\mu F$ capacitor across the power supply to filter noise. --- ### 4. Typical Connection Diagram (Conceptual) ```text [Power Supply Vcc] ----+---- [LA5523 Pin 1] | [DC Motor] --- [LA5523 Pin 4] | [Ground] --------------+---- [LA5523 Pin 3] ``` --- ### 5. Notable Features * **Low Saturation Voltage:** Ideal for running devices until the battery is nearly depleted. * **High Stability:** Maintains speed accuracy even if the temperature or supply voltage changes. * **Compact Size:** The 4-pin configuration makes it easy to fit on small PCBs.
    ✨ Follow-up Questions
    • ⤷ What are the common replacement or equivalent ICs for the LA5523?
    • ⤷ How do you calculate the resistor values for speed adjustment in an LA5523 circuit?
    • ⤷ Can the LA5523 be used to drive a brushless DC motor?