전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LA5524

  • AI
    ## Overview of the LA5524 IC The **LA5524** is a monolithic linear integrated circuit designed primarily as a **low-voltage DC motor speed controller**. It was commonly manufactured by Sanyo and is widely used in portable audio equipment like radio-cassette recorders and micro-cassette players. --- ### 1. Key Technical Specifications The following table outlines the fundamental electrical characteristics of the LA5524: | Parameter | Value / Range | Unit | | :--- | :--- | :--- | | **Operating Voltage ($V_{CC}$)** | 1.8 to 8.0 | V | | **Quiescent Current ($I_{d}$)** | 1.3 (Typical) | mA | | **Reference Voltage ($V_{ref}$)** | 1.1 to 1.3 | V | | **Max Output Current ($I_{m}$)** | 700 | mA | | **Operating Temperature** | -20 to +80 | °C | --- ### 2. Functional Internal Blocks The LA5524 consists of four main functional areas that work together to maintain consistent motor rotation despite changes in battery voltage or load: 1. **Reference Voltage Generator:** Provides a stable internal voltage used to compare against the motor's back-EMF. 2. **Error Amplifier:** Detects the difference between the desired speed (set by external resistors) and the actual speed. 3. **Current Limiter:** Protects the IC and the motor from damage during stalls or start-up surges. 4. **Power Pass Transistor:** The output stage that drives the motor directly. --- ### 3. Pin Configuration The LA5524 is typically housed in a **4-pin SIP (Single In-line Package)** or a similar small form factor. | Pin Number | Name | Description | | :--- | :--- | :--- | | **1** | $V_{CC}$ | Positive power supply input. | | **2** | Control | Connected to an external variable resistor to set the motor speed. | | **3** | Motor (+) | Output pin connected to the positive terminal of the DC motor. | | **4** | GND | Ground / Negative supply terminal. | --- ### 4. Circuit Implementation Details To use the LA5524, a few external components are required to stabilize and tune the performance: * **Speed Adjustment Resistor ($R_{t}$):** Connected to the control pin to define the reference current. * **Filtering Capacitor:** Usually placed across $V_{CC}$ and GND (typically 10µF to 100µF) to filter out noise generated by the motor brushes. * **Stability:** The IC utilizes "Current Feedback" to compensate for the motor's internal resistance ($R_m$). This ensures that as the load increases, the controller provides more voltage to maintain a constant RPM. --- ### 5. Common Applications * Walkmans and portable cassette players. * Small motorized toys. * Portable fans or rotating displays requiring stable low-voltage control. * Analog instrumentation requiring precise low-current DC motor regulation.
    ✨ Follow-up Questions
    • ⤷ Can you provide a basic schematic diagram description for the LA5524?
    • ⤷ What are the common failure symptoms of this IC in audio equipment?
    • ⤷ Are there any modern pin-compatible alternatives to the LA5524?