전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LA5540

  • AI
    ## Overview of the LA5540 IC The **LA5540** is a monolithic linear integrated circuit designed primarily as a **governor for low-voltage DC motors**. It was commonly used in battery-operated consumer electronics such as portable cassette recorders, radio-cassette players, and walkmans to maintain constant motor speed regardless of battery voltage fluctuations. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Package Type** | TO-126 (4-pin) | | **Operating Voltage Range** | 1.8V to 10V | | **Maximum Motor Current** | Approx. 700mA | | **Reference Voltage** | 1.1V to 1.4V | | **Operating Temperature** | -20°C to +80°C | --- ### Internal Electronic Components The LA5540 consists of several integrated stages that work together to stabilize motor rotation: 1. **Reference Voltage Source:** Provides a stable internal voltage baseline to compare against the motor's back-EMF (Electromotive Force). 2. **Error Amplifier:** Compares the feedback from the motor to the reference voltage and adjusts the output to compensate for load changes. 3. **Power Transistor Stage:** A high-current output driver that directly supplies power to the DC motor. 4. **Current Limiter/Protection:** Internal circuitry to prevent the IC from overheating or failing during a motor stall. --- ### Typical Application Circuit To function, the LA5540 requires a few external passive components. These components allow the user to tune the speed and torque compensation. #### Pin Configuration 1. **Pin 1 (Vcc):** Positive power supply input. 2. **Pin 2 (Control):** Connected to an external resistor ($R_t$) and capacitor ($C_t$) for speed adjustment. 3. **Pin 3 (Motor):** Connected to the negative terminal of the DC motor. 4. **Pin 4 (GND):** Common ground. #### External Components Table | Component | Function | | :--- | :--- | | **Resistor ($R_t$)** | Sets the motor speed by defining the reference current. | | **Resistor ($R_k$)** | Determines the torque compensation (keeps speed steady under load). | | **Capacitor ($C$)** | Filters noise and prevents high-frequency oscillation. | --- ### Main Features * **Low Operating Voltage:** Can function with as little as 1.8V, making it ideal for devices powered by two AA batteries. * **Minimal External Parts:** Requires only two resistors and one or two capacitors to operate. * **Speed Stability:** Highly effective at maintaining RPM even as the battery drains from 3V down to 2V. ---
    ✨ Follow-up Questions
    • ⤷ How do you calculate the resistor values for a specific motor speed on the LA5540?
    • ⤷ What are the modern alternatives to the LA5540 for DC motor control?
    • ⤷ Can the LA5540 be used with brushless DC motors?