전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LA5588

  • AI
    The **LA5588** is a specialized integrated circuit (IC) primarily designed as a **low-voltage DC motor speed controller**. It was commonly manufactured by Sanyo and used extensively in portable audio devices like cassette players and radio-cassette recorders. --- ### 1. Key Technical Specifications The LA5588 is designed to maintain a constant motor speed regardless of fluctuations in supply voltage or mechanical load. | Parameter | Specification | | :--- | :--- | | **Operating Voltage Range** | 1.8V to 8V | | **Reference Voltage** | Typ. 1.2V | | **Quiescent Current** | ~3.0mA | | **Maximum Motor Current** | 700mA | | **Package Type** | TO-126 or SIP-4 | --- ### 2. Internal Functional Blocks The IC contains several critical internal components that allow it to regulate power: 1. **Reference Voltage Generator:** Provides a stable internal voltage reference to compare against the motor's Back-EMF. 2. **Error Amplifier:** Compares the feedback from the motor to the reference voltage and adjusts the output accordingly. 3. **Current Limiter:** Protects the IC and the motor from damage during stalls or short circuits. 4. **Power Transistor:** An internal NPN or PNP power stage that drives the motor directly. --- ### 3. Pin Configuration The LA5588 typically comes in a 4-pin configuration: | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | **Vcc** | Positive power supply input. | | **2** | **Control** | Used to set the speed via an external resistor/potentiometer. | | **3** | **Motor** | Output connected to the negative terminal of the DC motor. | | **4** | **GND** | Common ground. | --- ### 4. Typical Application Circuit To use the LA5588, minimal external components are required. The speed is controlled by the ratio of two resistors (often including a variable resistor/trimmer). ```c Vcc (+) ----[ Pin 1 ] | [ LA5588 IC ]----[ Pin 3 ]---- Motor (-) | | [ Pin 2 ]------+---[ Rt / Trimmer ]------+ | [ Pin 4 ]------+---- GND (-) ``` ### 5. Common Features * **Low Operating Voltage:** Ideal for 3V (2x AA batteries) or 6V systems. * **Excellent Stability:** Maintains RPM even as batteries drain. * **Compact Design:** Requires very few external capacitors or resistors, saving PCB space. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent ICs for the LA5588?
    • ⤷ How do you calculate the resistor values for a specific RPM?
    • ⤷ What are the common failure symptoms of this motor controller?