전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LB-A1-R1

  • AI
    The **LB-A1-R1** refers to a specific type of **Single Digit, Seven-Segment LED Display** module. These components are fundamental in electronics for displaying numerical data (0-9) and some limited alphabetical characters. Below is a detailed breakdown of its electronic specifications and technical architecture. --- ### 1. General Specifications The LB-A1 series is typically designed for high visibility and low power consumption. | Feature | Specification | | :--- | :--- | | **Display Type** | 7-Segment + Decimal Point (DP) | | **Number of Digits** | 1 (Single Digit) | | **Illumination Color** | Red (Standard for R1 suffix) | | **Polarity** | Common Anode or Common Cathode (Model dependent) | | **Character Height** | Approximately 10.16mm (0.4 inch) | | **Connection Type** | Through-hole (DIP) | ### 2. Internal Pinout Configuration A 7-segment display consists of 8 LEDs (7 for the digit segments labeled **a** through **g**, and 1 for the **DP**). | Pin Label | Segment Represented | Function | | :--- | :--- | :--- | | **a** | Top Horizontal | Forms the top bar of the digit. | | **b** | Upper Right Vertical | Forms the top-right side. | | **c** | Lower Right Vertical | Forms the bottom-right side. | | **d** | Bottom Horizontal | Forms the base bar. | | **e** | Lower Left Vertical | Forms the bottom-left side. | | **f** | Upper Left Vertical | Forms the top-left side. | | **g** | Middle Horizontal | Forms the center crossbar. | | **DP** | Decimal Point | Used for floating-point numbers. | ### 3. Absolute Maximum Ratings To prevent damage to the LB-A1-R1, the following electrical limits should be observed (typical values for Red LEDs): * **Forward Current ($I_f$):** 20mA - 25mA per segment. * **Forward Voltage ($V_f$):** ~1.8V to 2.2V (Red). * **Reverse Voltage ($V_r$):** 5V. * **Operating Temperature:** -25°C to +85°C. ### 4. Application Circuitry When connecting this part to a microcontroller (like an Arduino or ESP32), it is crucial to use **Current Limiting Resistors** for each segment. ```cpp // Example: Calculating Resistor Value // R = (V_source - V_forward) / I_forward // If using 5V: (5V - 2.0V) / 0.02A = 150 Ohms ``` 1. **Direct Drive:** Each pin is connected to a GPIO via a resistor. 2. **Multiplexed Drive:** Used when multiple digits are used together to save GPIO pins. 3. **Driver ICs:** Often used with the **MAX7219** or **74HC595** shift registers to simplify control. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Common Anode and Common Cathode versions of the LB-A1?
    • ⤷ How do I identify the pinout for segment 'a' on this specific package?
    • ⤷ Can I drive the LB-A1-R1 directly from a 3.3V microcontroller?