전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LB5433-R

  • AI
    ### Overview of the LB5433-R The **LB5433-R** is a specific electronic component primarily known as a high-brightness Light Emitting Diode (LED). It is manufactured by **OSRAM Opto Semiconductors** and belongs to the **TOPLED** family. These are commonly used in surface-mount technology (SMT) applications where reliability and wide viewing angles are required. --- ### Technical Specifications The following table summarizes the key electrical and optical characteristics of the LB5433-R: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Color** | Blue | Wavelength approx. 470 nm | | **Luminous Intensity** | 112 - 280 mcd | Measured at 10mA | | **Forward Voltage ($V_f$)** | 3.0V - 3.5V | Typical operating voltage | | **Forward Current ($I_f$)** | 10 mA - 20 mA | Standard operating current | | **Viewing Angle** | 120° | Lambertian emitter | | **Package Type** | PLCC-2 | Standard SMT package | | **Mounting Type** | Surface Mount | Automated pick-and-place compatible | --- ### Key Internal Components The LB5433-R consists of several critical parts that define its performance: 1. **LED Die (Chip):** Uses **InGaN** (Indium Gallium Nitride) technology on a Sapphire substrate to produce high-efficiency blue light. 2. **Lead Frame:** A copper-based frame plated with silver to provide electrical connectivity and heat dissipation. 3. **Encapsulant:** A clear silicone or epoxy resin that protects the die from environmental factors while allowing maximum light transmission. 4. **Bond Wire:** Microscopic wires (usually gold) connecting the LED chip to the lead frame terminals. --- ### Applications and Usage The robust nature of the PLCC-2 package makes the LB5433-R suitable for various industries: * **Automotive:** Dashboard illumination, switch lighting, and interior ambient lighting. * **Industrial:** Status indicators on control panels and signal lights. * **Consumer Electronics:** Backlighting for LCD displays, keyboards, and decorative lighting. * **Telecommunications:** Indicator lights on routers and networking hardware. --- ### Typical Circuit Connection To operate the LB5433-R safely, a current-limiting resistor must be placed in series. ```python # Formula for calculating the Resistor (R): # R = (Source_Voltage - Forward_Voltage) / Forward_Current # Example for a 5V Source: # V_source = 5V # V_f = 3.2V # I_f = 0.01A (10mA) # Calculation: # R = (5 - 3.2) / 0.01 = 180 Ohms ```
    ✨ Follow-up Questions
    • ⤷ What are the maximum thermal limits for the LB5433-R during soldering?
    • ⤷ Does this LED require specific ESD protection measures during handling?
    • ⤷ Are there alternative colors available in the same TOPLED PLCC-2 package?