전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LC-R127R2P

  • AI
    The **LC-R127R2P** is a specific model of Sealed Lead Acid (VRLA) battery manufactured by Panasonic. It is designed for high-performance standby and main power applications. --- ### 1. General Specifications The technical nomenclature "127R2" typically breaks down into its voltage and capacity ratings. | Parameter | Specification | | :--- | :--- | | **Chemistry** | Sealed Lead Acid (SLA) / VRLA | | **Nominal Voltage** | 12V | | **Nominal Capacity** | 7.2 Ah (20-hour rate) | | **Terminal Type** | Faston 187 (4.75mm) or Faston 250 (6.35mm) | | **Flammability Rating** | UL94 HB (standard) or UL94 V-0 (optional) | | **Design Life** | 6 - 9 years (standby use at 20°C) | --- ### 2. Key Internal Components The "electronic" functionality of this battery relies on its internal electrochemical structure: * **Lead-Tin Alloy Grids:** Used for the plates to minimize gas evolution and extend the life of the battery. * **AGM (Absorbent Glass Mat) Separators:** A highly porous glass fiber mat that soaks up the electrolyte, making the battery spill-proof and allowing for orientation in multiple positions (except inverted). * **One-Way Pressure Relief Valve:** If internal pressure builds up due to overcharging, this safety valve releases gas and then reseals automatically to prevent atmospheric oxygen from entering. * **Electrolyte:** Dilute sulfuric acid ($H_2SO_4$) suspended in the AGM. --- ### 3. Electrical Characteristics To integrate this part into a circuit, the following electrical behaviors must be considered: #### Charge Voltage Ranges * **Cycle Use:** 14.5V to 14.9V (at 25°C) * **Standby (Float) Use:** 13.6V to 13.8V (at 25°C) #### Discharge Performance The capacity of the battery decreases as the discharge current increases. For example: * **20-hour rate (360mA):** 7.2 Ah * **1-hour rate (4.9A):** ~4.9 Ah --- ### 4. Common Applications Due to its reliability and standard form factor, the LC-R127R2P is frequently found in: 1. **UPS Systems:** Backup power for computers and servers. 2. **Emergency Lighting:** Powering exit signs and hallway lights during outages. 3. **Security Systems:** Backup for alarm panels and CCTV. 4. **Medical Equipment:** Portable diagnostic tools. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LC-R127R2P and the LC-P127R2P models?
    • ⤷ How do I calculate the charging current limit for this specific battery?
    • ⤷ What is the recommended temperature compensation for the charging voltage?