전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LC2-122-R/E

  • AI
    The **LC2-122-R/E** is a professional-grade, high-quality audio signal transformer, typically manufactured by companies like **Lundahl Transformers**. These components are specifically designed for high-end audio equipment where signal integrity, isolation, and impedance matching are critical. --- ### 1. Component Overview The LC2-122-R/E is a dual-coil audio transformer. Its primary function is to provide electrical isolation and convert signal levels or impedances between audio stages without introducing significant distortion or noise. ### 2. Key Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Audio Isolation / Line Input Transformer | | **Turns Ratio** | 1 + 1 : 2 + 2 (Versatile winding options) | | **Core Material** | High-permeability Mu-metal (for low distortion) | | **Housing** | Mu-metal shielding (protects against hum/EMI) | | **Mounting** | PCB Mount (Through-hole) | | **Frequency Response** | 10 Hz – 100 kHz (Flat within ± 0.5 dB) | --- ### 3. Electronic Design Features #### A. Dual Winding Structure The "1+1 : 2+2" configuration means the transformer has two primary windings and two secondary windings. This allows for multiple wiring configurations: * **Series connection:** To increase impedance or voltage. * **Parallel connection:** To decrease impedance or increase current handling. * **Balanced/Unbalanced conversion:** Essential for converting XLR (balanced) signals to RCA (unbalanced) or vice versa. #### B. Mu-Metal Shielding The component is encased in a Mu-metal can. This is an alloy of nickel and iron that provides high magnetic permeability. It effectively "soaks up" external magnetic fields, preventing 50/60Hz mains hum from entering the audio path. #### C. High Linearity Unlike cheap transformers, the LC2-122-R/E uses high-grade core materials that prevent "saturation" (clipping of the waveform) even at high signal levels. This results in extremely low Total Harmonic Distortion (THD). --- ### 4. Common Applications 1. **Galvanic Isolation:** Breaking ground loops in pro-audio setups to eliminate "hum" and "buzz." 2. **Impedance Matching:** Interfacing high-output impedance vintage gear with modern low-impedance inputs. 3. **Signal Splitting:** Sending one audio source to two different amplifiers without degrading the signal. 4. **DIY High-End Audio:** Used in custom-built preamplifiers, DAC output stages, or tube amplifiers. --- ### 5. Wiring Logic Example If you were to implement this in a circuit, the schematic symbol would look like this: ```text Primary 1 (Pins 1-2) Secondary 1 (Pins 5-6) [=======] [=======] Primary 2 (Pins 3-4) Secondary 2 (Pins 7-8) [=======] [=======] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout diagrams for the LC2-122-R/E?
    • ⤷ How does Mu-metal shielding compare to copper shielding in audio transformers?
    • ⤷ Can this transformer be used for microphone level signals or only line level?