전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LC2-4A-R

  • AI
    The **LC2-4A-R** is an electronic component primarily classified as a **Line Filter** or **Common Mode Choke**. It is designed to suppress high-frequency noise (Electromagnetic Interference - EMI) in power lines or data signals. --- ### 1. Key Specifications and Features The LC2-4A-R is commonly used in power supplies and communication interfaces to ensure signal integrity and regulatory compliance. | Feature | Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Line Filter | | **Configuration** | Dual Winding (4 Pins) | | **Rated Current** | Typically 4 Amps (indicated by the "4A" in the part number) | | **Inductance** | Varies by manufacturer (usually in the mH or µH range) | | **Mounting Type** | Through-hole (THT) or Surface Mount (SMD) depending on package suffix | | **RoHS Status** | Compliant (indicated by the "R" suffix) | --- ### 2. Functional Principles The device operates using two coils wound on a single ferrite core. It works through two distinct mechanisms: 1. **Common Mode Suppression:** It provides high impedance to noise signals that travel in the same direction on both lines (noise coming from external sources). 2. **Differential Mode Transparency:** It allows the desired current (flowing in opposite directions) to pass through with minimal resistance/impedance. --- ### 3. Application Areas These parts are essential in modern electronics to prevent "noise" from leaking out of a device or entering a sensitive circuit. * **AC/DC Power Supplies:** Placed at the input stage to filter out 50/60Hz line noise. * **DC-DC Converters:** Used to suppress switching noise generated by high-frequency transistors. * **USB/Ethernet Lines:** Protects data integrity against high-frequency interference. * **Industrial Equipment:** Protects sensors and microcontrollers from motor-driven electrical noise. --- ### 4. Technical Diagram Representation In a circuit schematic, the LC2-4A-R is represented as two coupled inductors with dots indicating the polarity (phasing) of the windings. ```text Line In (1) o---( Coil 1 )---o Line Out (2) Core Neutral In (4) o---( Coil 2 )---o Neutral Out (3) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the LC2-4A-R?
    • ⤷ How does a common mode choke differ from a standard inductor?
    • ⤷ What are the physical dimensions of the LC2-4A-R package?