LCE-12-R
AI

The **LCE-12-R** is an electronic component manufactured by **Patlite Corporation**. It belongs to the LCE series of LED Signal Towers, specifically designed for industrial machinery to provide visual status indications.
Below is an explanation of its electronic specifications and parts.
---
### 1. Model Breakdown
The model name "LCE-12-R" can be broken down to understand its core electronic configuration:
| Part Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **LCE** | Series Name | 40mm Diameter LED Signal Tower |
| **1** | Tier Count | 1-tier (Single light module) |
| **2** | Voltage | 24V AC/DC |
| **R** | Color | Red LED |
---
### 2. Key Electronic Specifications
The internal circuitry is designed for low power consumption and durability in industrial environments.
* **Rated Voltage:** 24V AC/DC (Standard for industrial PLC control systems).
* **Operating Voltage Range:** 21.6V to 26.4V DC / 21.6V to 26.4V AC.
* **Current Consumption:** Approximately **30mA to 50mA** (Red LED tier).
* **Light Source:** High-intensity LEDs (Light Emitting Diodes).
* **Operating Temperature:** -15°C to +40°C.
---
### 3. Internal Components and Construction
The LCE-12-R is composed of several critical electronic and mechanical parts:
#### A. LED Array
The core light source consists of multiple surface-mount LEDs arranged on a circular PCB. This array is designed for 360-degree visibility.
#### B. Internal PCB (Circuit Board)
The base contains a small PCB that acts as a voltage regulator and driver.
- **Resistors/Diodes:** Used to drop the voltage to the level required by the LEDs and to prevent damage from reverse polarity (in DC mode).
- **Wiring Interface:** Leads are color-coded for easy installation (typically Red for the light, and Yellow/Black for common, depending on the wiring logic).
#### C. Wiring Logic (Open Collector)
The unit is compatible with **NPN or PNP open collector** transistors. This allows a PLC (Programmable Logic Controller) to trigger the light directly without the need for additional mechanical relays.
#### D. Physical Housing (Optical)
- **Lens:** Made of heat-resistant and shock-resistant polycarbonate resin. The prism-cut design enhances light diffusion.
- **Base:** Usually made of ABS resin for high vibration resistance.
---
### 4. Wiring Diagram Overview
While specific lead colors can vary by manufacturing year, the standard logic is:
```yaml
Red Wire: Connect to V+ (through switch/PLC)
Yellow/Gray Wire: Common Line
Internal Protection: Built-in surge suppression
```
---
- ⤷
How do you wire the LCE-12-R to an NPN PLC output?
- ⤷ What is the IP rating for the LCE-12-R series?
- ⤷ Are there flashing or buzzer options available for this model?