LCE-1A-R
AI

The **LCE-1A-R** is an industrial signal tower (stack light) manufactured by **Patlite**. It is a 40mm diameter LED signal light designed for machine status indication.
Below is the technical breakdown of its electronic parts and specifications.
---
## 1. Core Component Breakdown
| Component | Description |
| :--- | :--- |
| **LED Modules** | Uses high-intensity, low-power LEDs. The "R" in the model name indicates a **Red** color module. |
| **Prism Lens** | A polycarbonate outer lens with a dual-reflection system to enhance visibility from all angles. |
| **Vibration Mechanism** | Built with vibration-resistant internal wiring for harsh industrial environments. |
| **Circuit Board** | Integrated current-limiting resistors and protection diodes to manage voltage stability. |
---
## 2. Technical Specifications
The "1A" designation typically refers to a single-tier configuration with specific voltage ratings.
| Feature | Specification |
| :--- | :--- |
| **Model Number** | LCE-1A-R |
| **Input Voltage** | 24V AC/DC (Standard for 1A series) |
| **Current Consumption** | Approx. 25mA - 50mA |
| **Light Source** | LED (Red) |
| **Tier Count** | 1 Tier |
| **Operating Temp** | -15°C to +60°C |
| **Mounting** | Pole mount (standard) or direct mount |
---
## 3. Electronic Wiring & Interface
The LCE-1A-R uses a simplified lead-wire system. Because it is a single-tier unit, the wiring complexity is minimal:
### Wiring Color Code (Typical)
* **Red Wire:** Connects to the Red LED module.
* **Yellow/Gray Wire:** Often used as the Common (check specific manual for NPN/PNP configuration).
* **Protection:** The unit is rated **IP65** (if mounted correctly), meaning the internal electronics are protected against dust and low-pressure water jets.
---
## 4. Control Logic
The unit is compatible with various electronic control systems:
* **PLC Integration:** Can be driven directly by PLC output modules (Transistor or Relay types).
* **NPN/PNP Open Collector:** Compatible with both sink and source logic typical in factory automation.
- ⤷
What is the difference between the LCE and the newer LR4 series?
- ⤷ How do I wire this unit to an NPN PLC output?
- ⤷ Can the LED modules in an LCE-1A be swapped for other colors?