전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCMXO2-2000HC-4BG256I

  • AI
    The **LCMXO2-2000HC-4BG256I** is a non-volatile, ultra-low-power FPGA (Field Programmable Gate Array) from the **Lattice MachXO2** family. It is widely used for system control, interface bridging, and power management due to its instant-on capability and integrated features. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Lattice Semiconductor | | **Logic Cells (LUTs)** | 2112 | | **Embedded Memory (EBR)** | 74 Kbits | | **User Flash Memory** | 64 Kbits | | **Number of I/Os** | 206 User I/Os | | **Core Voltage** | 2.5V to 3.3V (HC Series) | | **Package Type** | 256-Ball CABGA (14x14 mm) | | **Operating Temperature** | -40°C to 100°C (Industrial Grade) | | **Speed Grade** | -4 (Standard Performance) | --- ### 2. Functional Electronic Components The architecture of this chip integrates several electronic sub-systems that reduce the need for external components: #### A. Logic and Memory * **Look-Up Tables (LUTs):** The core logic is based on 4-input LUTs used to implement combinatorial logic functions. * **Flash Configuration:** Unlike SRAM-based FPGAs, this part stores its configuration in on-chip Flash memory. This allows it to be "**Instant-on**" (ready within microseconds of power-up). #### B. Integrated Hardened IP Blocks This specific series includes "hardened" (fixed-silicon) functions that save logic space: * **I2C and SPI Interfaces:** Dedicated hardware for serial communication. * **Timer/Counters:** 16-bit timers for pulse-width modulation (PWM) or system clocking. * **Phase Locked Loop (PLL):** Used for frequency synthesis and clock distribution. #### C. Input/Output (I/O) Features * **Multi-standard I/O:** Supports LVCMOS, LVTTL, LVDS, and differential signaling. * **Hot Socketing:** Allows the device to be inserted into a powered system without damage. * **Programmable Drive Strength:** Adjusts the output current to match signal integrity requirements. --- ### 3. Part Number Decoding Understanding the suffix nomenclature: 1. **LCMXO2**: MachXO2 Series. 2. **2000**: Density (Logic Cells). 3. **HC**: High-Performance Core (Voltage 2.5V/3.3V). 4. **4**: Speed Grade (Higher numbers are generally faster in some families, but in MachXO2, -4 is the entry speed). 5. **BG256**: Ball Grid Array (BGA) with 256 pins. 6. **I**: Industrial Temperature range. --- ### 4. Typical Applications * **System Control:** Managing power-up sequences for complex CPUs. * **Interface Bridging:** Converting signals between different protocols (e.g., SPI to Parallel). * **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
    ✨ Follow-up Questions
    • ⤷ How does the 'HC' version compare to the 'ZE' ultra-low-power version in the MachXO2 family?
    • ⤷ What software tools are required to program the LCMXO2-2000HC?
    • ⤷ Can the User Flash Memory (UFM) be used for data storage during runtime?