LCMXO2-256UHC2BG256ITRES
AI

## Technical Overview of LCMXO2-256HC-4BG256I
The **LCMXO2-256HC-4BG256I** belongs to the **MachXO2** family by Lattice Semiconductor. These are ultra-low-power, instant-on, non-volatile PLDs (Programmable Logic Devices) designed for system applications like bridging, I/O expansion, and control logic.
---
### 1. Part Number Breakdown
Understanding the specific nomenclature is crucial for identifying its performance characteristics:
| Code Segment | Description |
| :--- | :--- |
| **LCMXO2** | Product Family (MachXO2) |
| **256** | Logic Density (256 Look-Up Tables / LUTs) |
| **HC** | High Performance / High Voltage (Vcc = 2.5V or 3.3V) |
| **4** | Speed Grade (Standard) |
| **BG256** | Package Type (256-ball caBGA) |
| **I** | Temperature Grade (Industrial: -40°C to +105°C) |
---
### 2. Core Architecture and Logic
The MachXO2 architecture combines the flexibility of an FPGA with the configuration simplicity of a CPLD.
* **Logic Cells:** It features 256 LUTs. Each LUT is a 4-input generator capable of implementing complex boolean logic.
* **User Flash Memory (UFM):** Includes embedded non-volatile memory for storing configuration data or user data (e.g., serial numbers, calibration data).
* **Embedded Function Blocks (EFB):** Contains hardened IP for commonly used interfaces:
* **I2C** Controllers.
* **SPI** Controllers.
* **Timer/Counters.**
---
### 3. Electrical and Physical Specifications
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 2.5V to 3.3V |
| **I/O Count** | Up to 206 User I/Os |
| **Package Size** | 14mm x 14mm (1.0mm pitch) |
| **Configuration** | Instant-on (Configures from internal Flash in <1ms) |
| **Programming** | JTAG, SPI, or I2C |
---
### 4. Key Advantages
1. **Non-Volatile:** Unlike standard FPGAs, it does not require an external configuration PROM; the code stays on the chip after power-down.
2. **Low Power:** Designed for mobile and handheld applications where standby power is critical.
3. **Bridge Functionality:** Excellent for converting signals between different I/O standards (e.g., LVCMOS to LVDS).
---
### 5. Common Applications
* **Power Sequencing:** Controlling the power-up order of larger processors or SoCs.
* **Interface Bridging:** Connecting a legacy bus to a modern processor.
* **I/O Expansion:** Adding more GPIO pins to a microcontroller that has run out of pins.
* **Display Control:** Simple timing controllers for small LCD screens.
---
- ⤷
What are the differences between the HC and ZE variants of the MachXO2 family?
- ⤷ How do I program the internal Flash memory using Lattice Diamond software?
- ⤷ What is the typical power consumption in standby mode for this specific model?