전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCMXO2-256UHC5SG48CTRES

  • AI
    The **LCMXO2-256UHC-5SG48C** belongs to the Lattice Semiconductor **MachXO2** family. This series is known for being ultra-low-power, non-volatile programmable logic devices (FPGAs/CPLDs) designed for system-level bridging and expansion. --- ### 1. Part Number Breakdown Understanding the suffix codes helps identify the specific performance and physical characteristics of this component. | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **LCMXO2** | Product Family | MachXO2 (Bridging and I/O expansion) | | **256** | Logic Density | 256 Look-Up Tables (LUTs) | | **UHC** | High Performance | High-speed, Low-power variant | | **5** | Speed Grade | Grade 5 (High performance) | | **SG** | Package Type | QFN (Quad Flat No-Lead) | | **48** | Pin Count | 48 Pins | | **C** | Temperature Grade | Commercial (0°C to +85°C) | | **TRES** | Tape & Reel | Packaging type for automated assembly | --- ### 2. Key Technical Specifications The MachXO2 architecture is unique because it combines FPGA flexibility with the "instant-on" capability of a CPLD due to its embedded Flash memory. * **Logic Cells:** 256 LUT4s. * **User I/Os:** Approximately 40 programmable I/O pins. * **Embedded Memory:** Includes User Flash Memory (UFM) for data storage. * **Power Consumption:** Extremely low static and dynamic power. * **Clocking:** Features an internal oscillator, removing the need for an external clock in simple applications. * **Interface Support:** Supports I2C, SPI, and Wishbone interfaces out of the box. --- ### 3. Common Applications Due to its small footprint and low logic density, this part is rarely used as a primary processor. Instead, it serves as a "Glue Logic" component: 1. **Level Shifting:** Translating signals between different voltage domains (e.g., 1.8V to 3.3V). 2. **Power Sequencing:** Controlling the turn-on sequence of various power rails in complex systems (Servers/Laptops). 3. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins. 4. **Interface Bridging:** Converting protocols like SPI to I2C or custom bus architectures. --- ### 4. Development Environment To program and simulate this part, you generally use the **Lattice Diamond** design software. ```tcl # Example: Simple Pin Constraint (LPF File) LOCATE COMP "led_out" SITE "10"; # Map signal to Pin 10 IOBUF PORT "led_out" IO_TYPE=LVCMOS33; # Set voltage standard ```
    ✨ Follow-up Questions
    • ⤷ What are the power supply voltage requirements for the MachXO2 series?
    • ⤷ How does 'Instant-on' technology work in the LCMXO2-256?
    • ⤷ What is the difference between the 256 and 1200 LUT versions in this family?