전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCMXO2-256UHC5UMG64ITRES

  • AI
    The **LCMXO2-256UHC-5UMG64ITRES** is a specific part number within the Lattice Semiconductor **MachXO2** family. These devices are ultra-low-power, instant-on, non-volatile CPLDs (Complex Programmable Logic Devices) that bridge the gap between traditional CPLDs and low-density FPGAs. --- ### ## Part Number Breakdown Understanding the alphanumeric string helps identify the technical specifications: | Segment | Identification | Description | | :--- | :--- | :--- | | **LCMXO2** | Family Series | MachXO2 (Lattice FPGA/CPLD family) | | **256** | Logic Density | Contains 256 Look-Up Tables (LUTs) | | **UHC** | Voltage | Ultra High Performance (1.2V core voltage) | | **5** | Speed Grade | Indicates the performance bin (5 is standard/mid-range) | | **UMG64** | Package Type | 64-ball ucBGA (Ultra Chip Scale Ball Grid Array) | | **I** | Temperature Grade | Industrial Grade (-40°C to +100°C) | | **TRES** | Special Suffix | Typically refers to Tape & Reel packaging or a specific revision | --- ### ## Technical Architecture The MachXO2 architecture is designed for system control, interface bridging, and power management. #### 1. Logic and Memory * **LUT4s:** 256 Logic Cells. This is suitable for small state machines, I/O expansion, and simple glue logic. * **Embedded Flash:** Unlike high-end FPGAs, this part stores its configuration in on-chip Flash memory, meaning it is "Instant-on" and does not require an external boot ROM. * **User Flash Memory (UFM):** Provides space for non-volatile data storage (e.g., serial numbers, calibration data). #### 2. Physical Characteristics * **Package Size:** The 64-ball ucBGA is extremely compact (approx. 4x4mm), making it ideal for mobile or space-constrained hardware. * **I/O Count:** Provides up to **44 User I/Os**. * **Voltage:** The "UHC" variant operates at a nominal **1.2V** core voltage, prioritizing low power consumption. #### 3. Hardened IP (Intellectual Property) To save logic cells, the device includes "Hardened" blocks that perform specific tasks without consuming the 256 LUTs: * **I2C / SPI Interfaces:** Dedicated hardware for serial communication. * **Timer/Counter:** Hardened blocks for timing applications. * **Configuration Engine:** Manages the loading of the logic from internal flash. --- ### ## Typical Applications Due to its small size and low logic density, this part is commonly used for: * **Power Sequencing:** Controlling the power-up order of larger processors and ASICs. * **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins. * **Level Shifting:** Translating signals between different voltage domains (e.g., 1.2V to 3.3V). * **Signal Muxing:** Selecting between multiple data paths in a system. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MachXO2 and MachXO3 families?
    • ⤷ How do I program the internal Flash of the LCMXO2-256?
    • ⤷ What is the typical standby power consumption for this 256 LUT device?