LCMXO2-256UHE4UMG64ITRES
AI

The **LCMXO2-256UHE-4UMG64ITRES** is a specific part number for a Field Programmable Gate Array (FPGA) within the **MachXO2** family, manufactured by **Lattice Semiconductor**.
Below is a breakdown of the electronic specifications, technical features, and the part number nomenclature.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Architecture** | Ultra-low power, instant-on, non-volatile PLD |
| **Look-Up Tables (LUTs)** | 256 |
| **User I/Os** | 44 Max |
| **RAM (Embedded Block)** | 0 Kbit (Note: 256 model relies on Distributed RAM) |
| **Flash Memory** | On-chip Non-volatile configuration memory |
| **Operating Voltage** | 1.2V (Core Voltage) |
| **Package Type** | 64-ball ucBGA (Ultra Chip-scale BGA) |
| **Temperature Grade** | Industrial (-40°C to 100°C) |
| **Speed Grade** | -4 (Standard Performance) |
---
## 2. Decoding the Part Number
To understand the specific electronic attributes, we break down the alphanumeric string:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **LCMXO2** | Family | MachXO2 Product Line |
| **256** | Density | 256 Look-Up Tables (LUTs) |
| **UHE** | Ultra-High Efficiency | Refers to the specific low-power architecture |
| **4** | Speed | Performance grade -4 (Standard) |
| **UMG** | Package | 64-ball ucBGA (0.4mm pitch) |
| **64** | Pins | Total number of balls/pins |
| **I** | Temperature | Industrial Grade |
| **TRES** | Special Code | Typically refers to Tape & Reel packaging or specific revision |
---
## 3. Key Electronic Features
### Low Power Consumption
The "UHE" designation signifies that this chip is optimized for high-efficiency power usage. It features:
* **Static Power:** In the microwatt range, making it ideal for battery-powered devices.
* **Dynamic Power:** Very low due to the 65nm process technology.
### "Instant-on" Functionality
Unlike high-end FPGAs that require an external boot PROM, the MachXO2 has on-chip Flash memory. The configuration is loaded into the SRAM cells in microseconds upon power-up.
### Hardened IP (Intellectual Property)
The device includes pre-built hardware blocks to save LUTs for logic:
* **I2C & SPI:** Hardened interfaces for communicating with sensors or microcontrollers.
* **Timer/Counters:** Dedicated hardware for pulse-width modulation (PWM) and timing.
### I/O Flexibility
The 44 user I/Os support multiple signaling standards (LVCMOS, LVTTL) and include integrated pull-up/pull-down resistors.
---
## 4. Common Applications
Due to its small footprint (ucBGA 64) and low power, this part is frequently used for:
* **System Glue Logic:** Bridging different chips or protocols.
* **Power Sequencing:** Managing the startup of complex boards.
* **I/O Expansion:** Adding more pins to a microcontroller.
* **Interface Bridging:** Converting I2C to SPI or parallel bus.
- ⤷
How does the MachXO2 compare to the MachXO3 family in terms of power usage?
- ⤷ What software tools are required to program this specific Lattice FPGA?
- ⤷ Can you explain the advantages of a ucBGA package over a standard QFP for this chip?