전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCMXO2-256UHE4UWG81CTRES

  • AI
    The **LCMXO2-256UHE-4UWG81CTR** belongs to the Lattice Semiconductor **MachXO2** family. This specific part is a low-power, instant-on programmable logic device (PLD) designed for bridging, I/O expansion, and system control functions. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Logic Cells (LUTs)** | 256 LUTs | | **Package** | 81-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Voltage** | 1.2V (Core Voltage) | | **Speed Grade** | -4 (Standard Performance) | | **I/O Count** | Up to 56 User I/Os | | **Embedded Memory** | Distributed RAM (no dedicated EBR in this small density) | | **Flash Memory** | User Flash Memory (UFM) for non-volatile storage | --- ### 2. Electronic Component Breakdown #### A. Logic Architecture The device is based on a **Lookup Table (LUT4)** architecture. With 256 LUTs, it is a "CPLD-replacement" FPGA. It is ideal for simple state machines, glue logic, and power-up sequencing where a full-scale FPGA would be overkill. #### B. Non-Volatile Configuration Unlike many FPGAs that require an external SPI Flash, the MachXO2 features **on-chip Flash memory**. This allows the device to be "instant-on," meaning it configures itself within microseconds of power application. #### C. Power Management The "UHE" designation typically refers to an **Ultra High Efficiency/Low Power** variant. It operates at 1.2V, significantly reducing static power consumption compared to the 3.3V "ZE" or "HE" variants. #### D. Hardened IP Cores Even in this small density, the chip includes dedicated hardware for: * **I2C Interfaces:** Hardened controllers to save logic cells. * **SPI Interfaces:** Integrated blocks for high-speed serial communication. * **Timer/Counters:** Dedicated 16-bit timers. --- ### 3. Application Use Cases 1. **I/O Expansion:** Adding extra pins to a microcontroller that has run out of GPIOs. 2. **Level Shifting:** Interfacing components with different voltage domains (e.g., 1.2V to 3.3V). 3. **Power Sequencing:** Controlling the order in which power rails turn on for complex SoCs. 4. **Sensor Hubs:** Aggregating data from multiple low-speed sensors before sending it to a main processor. --- ### 4. Part Number Decoder (Quick View) | Code | Meaning | | :--- | :--- | | **LCMXO2** | MachXO2 Product Family | | **256** | 256 Look-Up Tables (Density) | | **UHE** | Ultra High Efficiency / 1.2V Core | | **4** | Speed Grade (4 is standard) | | **UWG81** | 81-ball WLCSP Package (very small footprint) | | **CTR** | Carrier Tape and Reel (Packaging for automated assembly) |
    ✨ Follow-up Questions
    • ⤷What are the programming tools required for the MachXO2 family?
    • ⤷ How does the WLCSP package affect PCB design requirements?
    • ⤷ What is the difference between the LCMXO2-256 and the LCMXO2-640?