전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCMXO2-256UZE3FG484CTRES

  • AI
    ## Analysis of LCMXO2-256ZE-1TG100C (Lattice MachXO2 Series) The **LCMXO2-256ZE-1TG100C** (and related variants like the UZE series) belongs to the **MachXO2** family by Lattice Semiconductor. These are ultra-low-power, instant-on, non-volatile PLDs (Programmable Logic Devices) designed for system control and interface applications. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Logic Cells (LUTs)** | 256 | | **User I/O Count** | Variable (Up to 334 depending on package) | | **Embedded Block RAM** | 0 Kbits (Note: Smallest density uses distributed RAM) | | **Flash Memory** | User Flash Memory (UFM) for configuration | | **Operating Voltage** | 1.2V (Core) | | **Package Type** | fpBGA (Fine Pitch Ball Grid Array) | | **Temperature Range** | 0°C to 85°C (Commercial Grade) | --- ### 2. Functional Architecture The device is structured to bridge the gap between complex FPGAs and simple CPLDs. * **Non-Volatile Configuration:** Unlike traditional FPGAs that require an external SPI Flash to load code at boot, the MachXO2 stores its configuration internally. This allows for **"Instant-on"** functionality (microseconds). * **Hardened IP Blocks:** It includes dedicated hardware for: * $I^2C$ Interfaces. * SPI Interfaces. * Timer/Counters. * **Low Power Consumption:** The "ZE" and "UZE" designations signify "Ultra-Low Power," optimized for battery-operated devices. It features a standby current as low as several microamps. --- ### 3. Part Number Breakdown Understanding the specific suffix of your part (LCMXO2-256UZE-3FG484C): | Segment | Meaning | | :--- | :--- | | **LCMXO2** | MachXO2 Family | | **256** | 256 Look-Up Tables (Logic Density) | | **UZE** | Ultra-Low Power / 1.2V Core | | **3** | Speed Grade (3 is faster than 1 or 2) | | **FG484** | 484-ball Fine Pitch BGA package | | **C** | Commercial Temp Range | --- ### 4. Common Applications Due to its small logic footprint and low power, it is rarely used for heavy data processing. Instead, it is used for: 1. **System Reset Generation:** Managing power-up sequences for larger CPUs. 2. **I/O Expansion:** Adding extra GPIOs to a microcontroller via $I^2C$. 3. **Voltage Level Shifting:** Translating signals between different voltage domains (e.g., 1.2V to 3.3V). 4. **Interface Bridging:** Converting simple bus protocols. --- ### 5. Programming Environment To develop for this chip, engineers typically use: ```tcl # Lattice Diamond Software # 1. Synthesis: Converting HDL (Verilog/VHDL) to logic gates # 2. Map & Place/Route: Mapping gates to the 256 LUTs # 3. Programming: Generating a .jed file to flash via JTAG ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'ZE' and 'HC' variants in the MachXO2 series?
    • ⤷ How does 'Instant-on' technology improve system security compared to external Flash FPGAs?
    • ⤷ What is the typical standby power consumption for the 256 LUT density model?