전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCMXO2-640HC-4TG100I

  • AI
    The **LCMXO2-640HC-4TG100I** is a member of the **MachXO2** family from Lattice Semiconductor. This specific chip is an "Instant-on," non-volatile Programmable Logic Device (PLD) designed for low-power system applications like bridging, I/O expansion, and control logic. --- ### 1. Part Number Breakdown Understanding the suffix helps identify the specific capabilities of this component: | Code Segment | Meaning | | :--- | :--- | | **LCMXO2** | MachXO2 Product Family | | **640** | Logic Density (640 Look-Up Tables / LUTs) | | **HC** | High Performance / Standard Voltage (2.5V to 3.3V) | | **4** | Speed Grade (4 is the standard speed) | | **TG100** | Package Type: 100-pin TQFP (Thin Quad Flat Pack) | | **I** | Temperature Grade: Industrial (-40°C to +100°C) | --- ### 2. Key Technical Specifications The MachXO2 architecture combines the benefits of an FPGA (reconfigurability) with the benefits of a CPLD (non-volatility). * **Logic Cells:** 640 LUTs. * **User I/O:** 78 programmable I/O pins. * **Embedded Memory:** 18 Kbits of User Flash Memory (UFM) and 64 Kbits of Embedded Block RAM (EBR). * **On-Chip Flash:** No external configuration PROM is required; the configuration is stored internally. * **Operating Voltage:** 2.5V to 3.3V. * **Hardened IP:** Includes built-in I2C, SPI, and Timer/Counter blocks to save logic cells for other tasks. --- ### 3. Functional Blocks The internal architecture consists of several critical electronic segments: 1. **PFU (Programmable Functional Unit):** The core logic building block containing LUTs, registers, and carry logic. 2. **PCLK (Primary Clocks):** Low-skew clock distribution network for high-speed synchronous designs. 3. **SysI/O Banks:** Multiple banks that support various signaling standards (LVCMOS, LVTTL, PCI, etc.). 4. **Flash Configuration:** Allows "Transparent Updates" where the device can be reprogrammed while still running. --- ### 4. Typical Applications Because of its small size and low power consumption, it is commonly used for: * **Power Sequencing:** Managing the power-up order of complex PCBs. * **Bus Bridging:** Converting signals between different protocols (e.g., I2C to Parallel). * **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins. * **Display Interfacing:** Driving small LCD or LED arrays. ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the HC and ZE variants of the MachXO2 series?
    • ⤷ How do you program the internal flash of the LCMXO2-640HC?
    • ⤷ What software is required to develop logic for Lattice MachXO2 FPGAs?