전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCS-122-R/E

  • AI
    The **LCS-122-R/E** is a specific model of an **Optical Liquid Level Sensor** (Photoelectric type), typically manufactured by companies like **Levitronix** or specialized industrial sensor firms. It is designed for non-contact or high-purity chemical level sensing. --- ## 1. Technical Specifications The following table outlines the core electronic and physical parameters of the LCS-122-R/E: | Parameter | Specification | | :--- | :--- | | **Sensing Method** | Photoelectric / Optical Beam | | **Output Type** | Relay Output (Form C or standard NO/NC) | | **Power Supply** | Usually 12V - 24V DC (Model dependent) | | **Material** | PFA / PTFE (for high chemical resistance) | | **Connection** | Typically 3-wire or 5-wire configuration | | **Mounting** | External tube mounting (non-invasive) | --- ## 2. Key Electronic Components & Functions ### A. Infrared Emitter and Receiver The core of the device consists of an IR LED and a Phototransistor. * **The Emitter:** Sends a beam of light through the tube or vessel. * **The Receiver:** Detects the intensity of the light passing through. When liquid fills the space, the light refracts differently, triggering the electronics to change the output state. ### B. Signal Conditioning Circuit Internal circuitry processes the analog signal from the receiver. It includes: * **Comparator:** Compares the received light voltage against a preset threshold to determine if liquid is "Present" or "Absent." * **Hysteresis Control:** Prevents "chattering" (rapid switching) if the liquid surface is turbulent or bubbling. ### C. Output Stage (The "R" in the model) The **"R"** usually designates a **Relay Output**. * Unlike NPN/PNP transistors which output a small voltage, the relay output acts as a dry contact switch. * This allows the sensor to directly control higher power loads, such as small pumps, solenoid valves, or industrial PLC inputs, without needing an external amplifier. --- ## 3. Wiring Configuration While you should always consult the specific datasheet for your serial number, the standard 5-wire electronic color code for these sensors is often: ```markdown 1. Brown: +VDC (Power Supply) 2. Blue: 0V (Ground) 3. White: Relay Common (COM) 4. Black: Relay Normally Open (NO) 5. Gray: Relay Normally Closed (NC) ``` --- ## 4. Application Advantages * **Chemical Compatibility:** Because the electronics are housed in PFA/PTFE, it can handle ultra-pure chemicals (CMP slurries, acids) without contamination. * **Galvanic Isolation:** The relay output provides electrical isolation between the sensor's power circuit and the device it is controlling. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching current for the LCS-122-R/E relay?
    • ⤷ How do I calibrate the sensitivity for different tube wall thicknesses?
    • ⤷ Can this sensor detect opaque liquids like CMP slurry?