전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCS-43-R

  • AI
    The **LCS-43-R** is a specific electronic component, primarily recognized as a **Limit Switch** (specifically a Long Lever Micro Switch) often used in industrial control, automation, and arcade machinery. Below is a detailed breakdown of its electronic specifications and characteristics. --- ## 1. Technical Specifications The LCS-43-R is designed for low-to-medium power switching. Its performance is defined by the following electrical parameters: | Feature | Specification | | :--- | :--- | | **Switch Type** | Micro Switch / Snap Action Switch | | **Actuator Style** | Long Hinge Lever (Right/Straight variation) | | **Current Rating** | Typically 3A to 5A (depending on voltage) | | **Voltage Rating** | 125V AC / 250V AC | | **Contact Resistance** | ≤ 30mΩ (initial) | | **Insulation Resistance** | ≥ 100MΩ (500V DC) | | **Dielectric Strength** | 1000V AC (for 1 minute) | --- ## 2. Internal Electronic Construction The "R" in the model often denotes the **Terminal Configuration** (Right-angled or specific orientation) or the **Lever Shape**. ### A. Contact Configuration (SPDT) The LCS-43-R typically follows the **Single Pole Double Throw (SPDT)** circuit logic. It features three terminals: 1. **COM (Common):** The input terminal. 2. **NO (Normally Open):** The circuit is open until the lever is pressed. 3. **NC (Normally Closed):** The circuit is closed until the lever is pressed. ### B. Snap-Action Mechanism Inside the switch is a spring-loaded leaf. When the external lever reaches a specific "trip point," the internal contacts snap from the NC position to the NO position almost instantaneously. This prevents "arcing" and ensures a clean electrical signal. --- ## 3. Physical & Material Composition The reliability of the LCS-43-R comes from the materials used in its electronic paths: * **Contacts:** Usually made of **Silver Alloy** to ensure high conductivity and resistance to oxidation. * **Terminals:** Often **Brass with Silver or Tin plating** for ease of soldering or quick-connect attachment. * **Housing:** High-grade **PBT or Phenolic plastic** (UL94V-0 rated) to provide heat resistance and electrical insulation. --- ## 4. Common Applications Due to the "Long Lever" design, this part is ideal for detecting physical movement where the force might be light or the travel distance is significant: * **Arcade Buttons:** Detecting the press of a large plastic button. * **Vending Machines:** Detecting the passage of a coin or product. * **3D Printers:** Used as an "End-stop" sensor for the X, Y, or Z axis. * **Safety Interlocks:** Ensuring a cabinet door is closed before allowing power to flow.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LCS-43-R and the standard LCS-43 model?
    • ⤷ How do I wire the LCS-43-R for a 'normally closed' safety circuit?
    • ⤷ What is the mechanical life expectancy (cycles) for this specific micro switch?