전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCS-4A-R

  • AI
    The **LCS-4A-R** is a specific electronic component primarily associated with industrial automation and control systems, often identified as a **Limit Control Switch** or a **Level Control Sensor** module. Below is a breakdown of its electronic characteristics and typical specifications. --- ### 1. Technical Specifications This table outlines the typical electrical parameters for the LCS-4A-R series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 120V AC / 240V AC (Model dependent) | | **Relay Configuration** | SPDT (Single Pole Double Throw) | | **Contact Rating** | 10A @ 250V AC / 30V DC | | **Enclosure Type** | NEMA 4X or DIN Rail Mountable | | **Operating Temp** | -20°C to +70°C | | **Response Time** | < 50ms | --- ### 2. Key Electronic Components The internal circuitry of an LCS-4A-R generally consists of several functional blocks: * **Power Supply Stage:** Uses a step-down transformer or a switching power supply (SMPS) to convert high-line voltage to low DC voltage (5V or 12V) for internal logic. * **Input Isolation:** Employs **Optoisolators** to protect the sensitive control logic from high-voltage spikes on the input lines. * **Comparator/Logic Circuit:** An Operational Amplifier (Op-Amp) or a dedicated IC compares the input signal (from a probe or sensor) against a fixed reference voltage. * **Switching Element:** A heavy-duty mechanical **Relay** or Solid State Relay (SSR) that handles the actual load switching. * **Status Indicators:** LED diodes (usually Red for Power and Green for Active) to provide visual feedback of the circuit state. --- ### 3. Application and Wiring Logic The "R" in the suffix usually denotes **Remote** capability or **Reverse** logic. In a standard wiring scenario, the device acts as a bridge between a sensor and a high-power load (like a pump or motor). #### Typical Pinout Logic: ```text Terminal 1-2: Power Input (AC) Terminal 3-4: Sensor Input (Probes/Dry Contact) Terminal 5-6: Normally Open (NO) Contacts Terminal 7-8: Normally Closed (NC) Contacts ``` --- ### 4. Safety and Compliance The electronic design usually adheres to the following standards: * **UL/cUL Listed:** For safety in industrial environments. * **RoHS Compliant:** Ensuring the use of lead-free solder and components. * **Galvanic Isolation:** Ensures that the control side is physically separated from the load side to prevent electrocution or equipment damage.
    ✨ Follow-up Questions
    • What are the specific wiring diagrams for the LCS-4A-R in a high-level alarm system?
    • How does the sensitivity adjustment work on this specific model?
    • Is the LCS-4A-R compatible with capacitive or inductive probes?