전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCS-4B-R

  • AI
    The **LCS-4B-R** is a specific electronic component commonly used in industrial automation, specifically within the category of **Photoelectric Liquid Level Sensors** (often manufactured by companies like **Leuze electronic**). Below is a breakdown of its technical specifications, electronic architecture, and operational logic. --- ### 1. Technical Specifications The following table summarizes the key electronic and physical characteristics of the LCS-4B-R: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Capacitive / Photoelectric Liquid Level | | **Operating Voltage** | 10 ... 30 V DC | | **Output Type** | PNP (Transistor) | | **Switching Logic** | NO (Normally Open) or NC (Normally Closed) selectable | | **Housing Material** | Chemical-resistant plastic (typically PSU/PP) | | **Connection Type** | M12 Connector (4-pin) or Cable | | **Protection Rating** | IP67 (Dust tight and water immersion resistant) | --- ### 2. Internal Electronic Components The device is comprised of several critical subsystems that work together to detect the presence of a medium: * **Oscillator Circuit:** Generates a high-frequency electromagnetic field. When a liquid enters this field, the capacitance changes. * **Signal Evaluator (IC):** An integrated circuit that processes the change in frequency or amplitude from the oscillator. * **Potentiometer (Sensitivity Adjustment):** Most "R" suffix models (Range/Reflex) include a multi-turn potentiometer to calibrate the sensor for different liquid densities or to "tune out" the thickness of a container wall. * **Output Driver:** A PNP transistor stage that acts as the switch to signal the PLC (Programmable Logic Controller). --- ### 3. Wiring Configuration The LCS-4B-R typically follows the industrial standard color coding for 4-pin connections: 1. **Brown (L+):** Positive supply (+24V DC). 2. **White (NC/Teach):** Used for configuration or as a secondary output. 3. **Blue (L-):** Negative supply (0V / Ground). 4. **Black (OUT):** The primary switching signal (PNP). --- ### 4. Key Applications * **Leak Detection:** Detecting fluid in safety drip trays. * **Level Monitoring:** Monitoring the fill levels of chemical tanks. * **Object Detection:** Identifying non-metallic objects through non-conductive barriers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in the LCS series?
    • ⤷ How do you calibrate the sensitivity of the LCS-4B-R for thick glass containers?
    • ⤷ Is the LCS-4B-R compatible with highly corrosive acids?