전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCS-4B-R/E2

  • AI
    The **LCS-4B-R/E2** is a high-performance **load cell signal conditioner/amplifier** (specifically a Summing Junction Box or Transmitter) often used in industrial weighing and force measurement systems. It is designed to bridge the gap between raw analog sensor signals and control systems like PLCs. --- ### 1. Key Electronic Components & Functions The device is composed of several critical electronic sections that handle signal integrity and conversion: | Component Category | Description | Function | |:---|:---|:---| | **Instrumentation Amplifier** | High-precision Op-Amps | Amplifies the millivolt (mV) signals from load cells to standard industrial levels (0-10V or 4-20mA). | | **Summing Circuitry** | Resistor networks & Trimming pots | Allows the connection of up to 4 load cells, equalizing their outputs to ensure balanced weighing. | | **Excitation Voltage Regulator** | Stable DC Power Source | Provides a constant, low-noise voltage (usually 5V or 10V DC) to power the load cell bridge. | | **Filtering Stage** | Low-pass RC/Active filters | Removes high-frequency electrical noise and mechanical vibration interference from the signal. | | **Zero/Span Potentiometers** | Multi-turn Trimmers | Used for manual calibration to set the "empty" (Zero) and "full scale" (Span) points. | --- ### 2. Technical Specifications Below are the typical electronic characteristics for the LCS-4B series: * **Input Channels:** 4 independent load cell inputs. * **Input Sensitivity:** Typically 0.5 to 3.5 mV/V. * **Output Signals:** * **Current:** 4-20mA (Standard for long-distance transmission). * **Voltage:** 0-5V or 0-10V. * **Power Supply:** Usually 24V DC (Industrial standard). * **Enclosure Rating:** Typically IP65 or IP67 (Protects electronics from moisture and dust). --- ### 3. Wiring Configuration The electronic interface is usually broken down into specific terminal blocks: ```text [ Load Cell 1 ] --+ [ Load Cell 2 ] --+--> [ LCS-4B Summing & ] --> [ Output: 4-20mA ] [ Load Cell 3 ] --+ [ Amplification ] --> [ Power: 24V DC ] [ Load Cell 4 ] --+ ``` #### Typical Terminal Designations: 1. **EXC+ / EXC-:** Excitation voltage to the sensors. 2. **SIG+ / SIG-:** Signal input from the sensors. 3. **SHLD:** Shield/Grounding to prevent EMI. 4. **Vout / Iout:** The amplified analog output to the PLC/Display. --- ### 4. Critical Electronic Features * **Temperature Compensation:** High-quality resistors are used to ensure the signal doesn't drift when the ambient temperature changes. * **Isolation:** Many models include galvanic isolation to protect the PLC from power surges occurring at the sensor level. * **Adjustability:** The "R" in the model name often signifies a specific adjustment range or relay capability, while "E2" typically denotes the enclosure type or specific certification. ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the LCS-4B?
    • ⤷ What are the common causes of signal drift in this amplifier?
    • ⤷ Can this unit be used with 6-wire load cells?