전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCS-4B-R/K

  • AI
    ## Overview of the LCS-4B-R/K The **LCS-4B-R/K** is a high-precision weight controller (indicator) typically used in industrial automated bagging, filling, and weighing scales. It is designed to interface with load cells and control the mechanical process of discharging materials based on weight setpoints. --- ### 1. Core Electronic Components The device consists of several critical electronic subsystems that manage signals, processing, and output: | Component Category | Description | | :--- | :--- | | **A/D Converter** | A 24-bit Sigma-Delta Analog-to-Digital converter that translates millivolt signals from load cells into high-resolution digital data. | | **Microcontroller (MCU)** | The "brain" that executes the weighing logic, calibration algorithms, and manages the I/O timing. | | **Display Module** | Typically a high-brightness LED or VFD display used for real-time weight monitoring and parameter setting. | | **Power Supply Unit** | Internal switching power supply designed to filter industrial noise and provide stable DC voltage (usually 12V-24V) to the sensors. | --- ### 2. Input/Output (I/O) Interfaces The "R/K" designation often refers to specific communication or relay configurations. #### Analog Input (Load Cell Port) * **Excitation Voltage:** Provides a stable DC voltage (usually 5V or 10V) to the load cells. * **Signal Range:** Capable of reading very small signals, typically **0-20mV** or **0-30mV**. * **Support:** Usually supports up to 4-8 parallel 350Ω load cells. #### Digital Control (Relay Outputs) The "R" in the model often signifies **Relay Outputs**. These are used to control external hardware: 1. **Fast Feed:** Initial bulk filling. 2. **Slow Feed:** Fine-tuning the weight (dribble feed). 3. **Discharge:** Opening the hopper/bag clamps. 4. **Alarm:** Signaling an over/under weight condition. #### Communication (Serial Port) * **RS232 / RS485:** Used to connect to a PLC (Programmable Logic Controller), PC, or a remote large-screen display. * **Protocols:** Often supports Modbus RTU or simple continuous print formats. --- ### 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Accuracy Class** | OIML III | | **Sampling Rate** | 50 to 200 times per second | | **Input Sensitivity** | $\ge$ 1.5uV/d | | **Relay Contact Capacity** | AC 250V / 3A or DC 30V / 3A | | **Operating Temperature** | -10°C to +40°C | --- ### 4. Wiring and Hardware Setup To ensure electronic stability, the following wiring practices are standard for this model: * **Shielding:** The load cell cable must be shielded to prevent Electromagnetic Interference (EMI) from nearby motors. * **Grounding:** The "K" variant or specific terminal blocks include a dedicated ground terminal to bleed off static electricity common in dry material bagging.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero point on the LCS-4B-R/K?
    • ⤷ What are the specific differences between the R and K suffixes in this model?
    • ⤷ Can this controller be integrated with a PLC via Modbus?