전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCS-63-R

  • AI
    The **LCS-63-R** is an electronic logic component, specifically a **6-Bit Magnitude Comparator**. It is part of the "LCS" logic family, which is often used in specialized industrial control systems and legacy computing hardware. ### 1. Core Functionality The primary purpose of the LCS-63-R is to compare two binary numbers and determine their relative magnitude. | Function | Description | | :--- | :--- | | **Input A** | 6-bit binary word ($A_0$ to $A_5$) | | **Input B** | 6-bit binary word ($B_0$ to $B_5$) | | **Comparison** | Determines if $A > B$, $A < B$, or $A = B$ | | **Output** | High/Low logic signals indicating the result of the comparison | --- ### 2. Technical Specifications The "R" suffix typically denotes a specific package type or a revision involving improved thermal resistance. * **Logic Family:** Standard TTL or specialized industrial logic. * **Supply Voltage ($V_{CC}$):** Typically 5V DC (standard for logic circuits). * **Bit Width:** 6-bit (Allows for 64 possible values per input, 0-63). * **Cascadability:** Often features "Expansion Inputs" to allow multiple chips to be linked for 12-bit or 18-bit comparisons. --- ### 3. Pin Configuration Overview While specific pinouts vary by manufacturer (e.g., LFE or specialized vendors), the general layout includes: | Pin Type | Name | Purpose | | :--- | :--- | :--- | | **Inputs** | $A_n, B_n$ | Data bits for comparison. | | **Cascading** | $I_{A>B}, I_{AB}, Q_{A
    ✨ Follow-up Questions
    • ⤷What is the typical propagation delay for the LCS-63-R?
    • ⤷ Is the LCS-63-R pin-compatible with the 74LS688 series?
    • ⤷ How do I cascade two LCS-63-R units for a 12-bit comparison?