LCS-7B-R/E2
AI

The **LCS-7B-R/E2** is a specific model of an **Electromagnetic Flowmeter Converter** (often associated with brands like Fuji Electric or similar industrial instrumentation manufacturers). This device is designed to process signals from a flow sensor and convert them into readable data for industrial control systems.
Below is a breakdown of its electronic components and technical specifications.
---
### 1. Core Electronic Components & Architecture
| Component Group | Function | Description |
|:---|:---|:---|
| **Signal Processor** | Core Logic | Utilizes a high-speed microprocessor to perform noise filtering and flow rate calculations. |
| **A/D Converter** | Signal Conversion | A high-resolution Analog-to-Digital converter that transforms the low-voltage millivolt signals from the sensor into digital data. |
| **Excitation Circuit** | Sensor Driving | Supplies the constant current/frequency needed to create the magnetic field in the flow sensor. |
| **LCD Display Unit** | Interface | A backlit liquid crystal display for local monitoring of flow rate, totalized flow, and error codes. |
| **I/O Modules** | Connectivity | Includes terminals for 4-20mA current loops, pulse outputs, and digital communication (often RS-485 or HART). |
---
### 2. Technical Specifications
| Feature | Specification Details |
|:---|:---|
| **Power Supply** | Typically 100–240V AC (50/60Hz) or 24V DC depending on the sub-variant. |
| **Output Signals** | 4 to 20mA DC (Analog) and Scaled Pulse (Digital). |
| **Accuracy** | Generally ±0.5% of the flow rate. |
| **Enclosure Rating** | Often IP67 or NEMA 4X (Waterproof and Dustproof). |
| **Communication** | Optional Modbus RTU or HART protocol support. |
---
### 3. Electronic Features & Functionality
* **Noise Suppression:** The "E2" designation often refers to enhanced electronics designed to filter out electrochemical noise and slurry noise common in industrial fluids.
* **Empty Pipe Detection:** Electronic circuitry monitors the electrode impedance to detect if the pipe is not full, preventing false flow readings.
* **Low Flow Cutoff:** A programmable threshold where the electronics will force the output to zero to avoid "creep" caused by vibration or minor fluid movement.
* **Bi-directional Measurement:** The internal logic can distinguish between forward and reverse flow based on the phase of the induced voltage.
---
### 4. Wiring and Terminals
The electronic housing features internal terminal blocks usually categorized as:
1. **L/N/G:** Power supply input.
2. **SIG1/SIG2/COM:** Signal inputs from the flow tube electrodes.
3. **EX1/EX2:** Excitation current outputs to the flow tube coils.
4. **OUT+/OUT-:** The 4-20mA current loop output.
---
- ⤷
How do I calibrate the 4-20mA output on the LCS-7B series?
- ⤷ What are the common error codes displayed on the LCS-7B-R/E2?
- ⤷ Can this converter be used with third-party flow sensors?