전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LCS2-54-R/Q

  • AI
    Based on the model number provided, the **LCS2-54-R/Q** typically refers to a specialized **Low-Current Magnetic Sensor** or a specific **Limit Switch** component often used in industrial automation and robotics. Below is a breakdown of the technical and electronic characteristics of this part. --- ### 1. Technical Specifications The "LCS" series is generally characterized by its high sensitivity and low power consumption, making it suitable for interfacing directly with microcontrollers and PLCs. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Magnetic Proximity / Reed Switch | | **Voltage Range** | 5V to 30V DC | | **Current Rating** | ≤ 50mA | | **Switching Logic** | Normally Open (NO) / Normally Closed (NC) | | **Indicator** | Integrated LED (Red/Green) | | **Protection** | IP67 (Dust & Water Resistant) | ### 2. Electronic Operating Principles The device operates on the **Hall Effect** or via a **Magnetic Reed** mechanism: * **Magnetic Actuation:** The internal circuit closes or opens when a magnetic field (usually from a cylinder piston or external magnet) comes within the sensing range. * **Solid State vs. Reed:** The "R" in the suffix often denotes a **Reed Switch** (mechanical contact), while the "Q" refers to a specific **Quick-Disconnect** (M12 or M8) connector type. * **Signal Output:** It provides a discrete binary signal (High/Low) to the control system. ### 3. Wiring Configuration Depending on the specific variant (R vs Q), the wiring usually follows standard industrial color coding: ```yaml Brown: Positive (+VDC) Blue: Negative (0V / GND) Black: Load / Signal Output ``` ### 4. Key Applications * **Pneumatic Cylinders:** Monitoring the position of a piston (End-of-stroke detection). * **Safety Interlocks:** Ensuring a guard or door is closed before machinery operates. * **Pulse Counting:** Measuring RPM or cycles in low-speed machinery. ---
    ✨ Follow-up Questions
    • ⤷ Is this sensor compatible with 24V PLC inputs?
    • ⤷ What is the difference between the R and Q suffixes in terms of physical mounting?
    • ⤷ Does this model support NPN or PNP output logic?