전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LD1085D2M12-R

  • AI
    The **LD1085D2M12-R** is a high-performance, low-dropout (LDO) positive voltage regulator manufactured by STMicroelectronics. It belongs to the LD1085 series and is designed to provide high current with high efficiency. --- ### ## Technical Specifications Overview The following table summarizes the key electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 1.2V (Fixed) | | **Output Current** | Up to 3.0 Amps | | **Input Voltage (Max)** | 30V | | **Dropout Voltage** | 1.3V (Typ) at 3A | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to +125°C | | **Protection Features** | Internal Current & Thermal Limit | --- ### ### Key Features and Functionality 1. **High Current Capability**: Unlike standard regulators (like the 78xx series), the LD1085 can deliver up to **3 Amps**, making it suitable for high-power digital circuits. 2. **Low Dropout (LDO)**: The "dropout" is the minimum difference between input and output voltage required for regulation. At full load, it only requires ~1.3V to 1.5V headroom. 3. **Fixed Output**: This specific model (M12) is internally trimmed to a precise **1.2V**, eliminating the need for external voltage-divider resistors. 4. **D2PAK Package**: The surface-mount D2PAK provides excellent thermal dissipation, which is critical for a 3A linear regulator. --- ### ### Typical Application Circuit When implementing the LD1085D2M12-R, capacitors are required for stability and noise filtering. ```c [Input Voltage (e.g. 3.3V)] ----+---- [ VIN ] ---- [ VOUT ] ----+---- [ 1.2V Output ] | | | | [C1] [ GND ] [C2] [Load] | | | | --------------------------------+--------+------------+--------+---- [ Ground ] ``` * **C1 (Input Capacitor):** 10µF (Tantalum or Electrolytic) to filter supply noise. * **C2 (Output Capacitor):** 10µF or larger is **mandatory** for stability. LDOs require a specific ESR (Equivalent Series Resistance) range to prevent oscillation. --- ### ### Common Use Cases * **Core Power for FPGAs/ASICs**: Many modern processors require a 1.2V rail for their core logic. * **Post-Regulation**: Used after a switching regulator to provide a clean, low-noise ripple-free supply. * **High Current Logic Boards**: For driving heavy digital loads that exceed 1A.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the D2PAK version of this regulator?
    • ⤷ Can I use ceramic capacitors for the output (C2) without stability issues?
    • ⤷ How does the LD1085 compare to the LD1117 in terms of performance?