전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LD1085D2T-R

  • AI
    ## Technical Overview: LD1085D2T-R The **LD1085D2T-R** is a high-performance, low-dropout (LDO) positive voltage regulator manufactured by STMicroelectronics. It is specifically designed to provide high output current with high efficiency by minimizing the voltage difference between input and output. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Type** | Adjustable (can be fixed via external resistors) | | **Output Current** | Up to 3.0 Amperes | | **Dropout Voltage** | Typically 1.3V at 3A | | **Input Voltage (Max)** | 30V | | **Output Voltage Range** | 1.25V to 28V | | **Package Type** | D2PAK (TO-263) - Surface Mount | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Features * **Low Dropout Voltage:** Unlike standard linear regulators (like the LM7805), the LD1085 requires a much smaller overhead between the input and output voltage, reducing power dissipation as heat. * **Internal Protection:** It includes built-in thermal shutdown and current limiting circuitry to prevent the device from burning out under fault conditions. * **Pin Compatibility:** It is pin-to-pin compatible with standard three-terminal adjustable regulators like the LM317, but offers much higher current capability. * **Stability:** It requires an output capacitor (typically 10µF tantalum or electrolytic) to maintain stability in the feedback loop. --- ### 3. Application Circuit Example To configure the LD1085D2T-R for a specific output voltage, an external voltage divider is used. ```text Formula: Vout = 1.25V * (1 + R2 / R1) ``` **Standard Connection Diagram:** 1. **Pin 1 (ADJ/GND):** Connected to the resistor divider. 2. **Pin 2 (Output):** Output voltage (also connected to the large metal tab for cooling). 3. **Pin 3 (Input):** Raw DC input voltage. --- ### 4. Common Use Cases 1. **High-Efficiency Linear Supplies:** Used where switching regulators are too noisy for sensitive analog circuits. 2. **Post-Regulators:** Used after a switching power supply to "clean up" ripple and provide a stable final voltage. 3. **Battery Powered Equipment:** Its low dropout allows the device to function even as battery voltage drops close to the target output. 4. **Microprocessor Power:** Providing high current at low voltages (e.g., 3.3V or 2.5V) for logic circuits. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the heat sink requirements for a 3A load on this regulator?
    • ⤷ What is the minimum ESR requirement for the output capacitor to ensure stability?
    • ⤷ Can the LD1085D2T-R be used as a constant current source?