전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LD1085D2T12-R

  • AI
    ### Technical Overview: LD1085D2T12-R The **LD1085D2T12-R** is a high-performance, Low Dropout (LDO) linear voltage regulator. It is designed to provide a stable 12V output while handling relatively high current loads with minimal voltage loss. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 12.0 V | | **Output Current** | Up to 3.0 A | | **Dropout Voltage** | Typ. 1.3 V @ 3A | | **Input Voltage (Max)** | 30 V | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to 125°C | | **Accuracy** | ±1% at 25°C | --- ### 2. Functional Description The LD1085 series is an evolution of the standard 1084/1085 series regulators, optimized for efficiency. * **Low Dropout Voltage:** Unlike standard linear regulators (like the 7812) that require 2V to 3V of headroom, the LD1085 requires only ~1.3V to maintain regulation at full load. * **Internal Protections:** It includes built-in thermal shutdown and current limiting to prevent the device from failing under extreme heat or short-circuit conditions. * **NPN Pass Transistor:** It utilizes an NPN pass transistor, which ensures stability even with lower ESR capacitors compared to some PNP-based LDOs. --- ### 3. Pin Configuration (D2PAK) The D2PAK package is a surface-mount device (SMD) with a large metal tab for heat dissipation. | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | **GND** | Ground Reference | | **2 / Tab** | **V_OUT** | Regulated 12V Output | | **3** | **V_IN** | Unregulated Input Voltage | --- ### 4. Application Circuit Example To ensure stability, the LD1085 requires external capacitors. A typical configuration is shown below: ```text Input (13.3V - 30V) ----[ C1 ]----( Pin 3: IN ) ( Pin 2: OUT )----[ C2 ]---- Output (12V) ( Pin 1: GND ) | Ground ``` * **C1 (Input):** 10µF Tantalum or Electrolytic (removes high-frequency noise). * **C2 (Output):** 10µF to 22µF Tantalum (essential for loop stability). --- ### 5. Common Use Cases 1. **Post-Regulation:** Following a switching power supply to remove ripple/noise. 2. **Industrial Controls:** Providing stable 12V rails for sensors and PLCs. 3. **Battery Powered Equipment:** Where 12V is needed from a slightly higher voltage battery pack (e.g., 14.8V Li-ion).
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for this part at 3A load?
    • ⤷ Can this regulator be used with ceramic capacitors instead of tantalum?
    • ⤷ What is the difference between the LD1085D2T12-R and the adjustable version?