전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LD1085D2T15-R

  • AI
    ## Overview of LD1085D2T15-R The **LD1085D2T15-R** is a low-dropout (LDO) positive voltage regulator designed to provide a high output current with high efficiency. It belongs to the LD1085 series produced by STMicroelectronics. ### Key Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage** | Fixed 1.5V | | **Maximum Output Current** | 3.0 Amperes | | **Dropout Voltage** | Typically 1.3V at 3A | | **Input Voltage (Max)** | 30V | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to 125°C | --- ### Internal Electronic Components The internal architecture of the LD1085D2T15-R consists of several critical stages to ensure stable voltage regulation: 1. **Reference Voltage Source:** A high-precision internal bandgap reference provides the baseline for the 1.5V output. 2. **Error Amplifier:** Compares the output voltage against the internal reference. If the output drops, the amplifier increases the drive to the pass transistor. 3. **NPN Pass Transistor:** Unlike older regulators, the LD1085 uses an NPN transistor in a quasi-LDO configuration, which allows for higher current handling and stability with smaller capacitors. 4. **Protection Circuitry:** * **Current Limiting:** Protects the device during short-circuit conditions. * **Thermal Shutdown:** Automatically turns off the device if the junction temperature exceeds safe limits (typically around 150°C). --- ### Application Circuit Requirements To ensure stability and low noise, specific external electronic parts are required: * **Input Capacitor ($C_{in}$):** A $10\mu F$ tantalum or electrolytic capacitor is recommended to filter power supply noise, especially if the regulator is far from the power source. * **Output Capacitor ($C_{out}$):** A minimum of $10\mu F$ (usually $22\mu F$ or higher) is **mandatory** for stability. The ESR (Equivalent Series Resistance) of this capacitor is crucial for the internal feedback loop. ### Typical Implementation ```text Input (Vin) ----[ In ]-------[ Out ]---- Output (1.5V) | | | | [Cin] | [Cout] | | [Gnd] | [Load] Gnd --------------|----|--------|-----|----- ``` --- ### Common Use Cases * **Microprocessor Power:** Providing high-current 1.5V rails for CPU/MCU cores. * **Post-Regulation:** Cleaning up the output of switching power supplies. * **Battery Powered Systems:** Where low dropout voltage extends the usable life of the battery.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the D2PAK package regarding heat dissipation?
    • ⤷ Can I use ceramic capacitors instead of tantalum for the output?
    • ⤷ How does the dropout voltage change if I only draw 1A instead of 3A?