전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LD1085D2T25-R

  • AI
    ## Technical Overview: LD1085D2T25-R The **LD1085D2T25-R** is a high-performance, Low Dropout (LDO) positive voltage regulator designed to provide a stable output voltage with high efficiency. It belongs to the LD1085 series manufactured by STMicroelectronics. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 2.5V (Fixed) | | **Input Voltage (Max)** | 30V | | **Output Current** | Up to 3A | | **Dropout Voltage** | Typ. 1.3V @ 3A | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to 125°C | | **Voltage Regulation** | ±1% Accuracy | --- ### 2. Core Features * **High Current Capability:** Capable of delivering up to 3A, making it suitable for high-power digital circuits. * **Low Dropout:** Unlike standard regulators (like the 7805), the LD1085 requires a much smaller difference between input and output voltage to function. * **Internal Protection:** * **Current Limiting:** Protects the device during overload conditions. * **Thermal Shutdown:** Shuts down the device if the junction temperature exceeds safe limits. * **Pin Compatibility:** It is pin-to-pin compatible with standard adjustable and fixed-voltage regulators in the 1085 family. --- ### 3. Pin Configuration (D2PAK) The D2PAK is a surface-mount package. The pinout is typically as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **GND** | Ground connection. | | **2 / Tab** | **V_OUT** | Regulated 2.5V output (The tab is also V_OUT). | | **3** | **V_IN** | Unregulated input voltage. | --- ### 4. Application Circuit Example To ensure stability and reduce noise, external capacitors are required. ```markdown V_IN ----[ C_IN: 10uF ]----( LD1085 Pin 3 ) ( LD1085 Pin 2 )----[ C_OUT: 10uF Tantalum ]---- V_OUT (2.5V) ( LD1085 Pin 1 )---- GND ``` **Note:** For the LD1085, the output capacitor ($C_{OUT}$) is critical for stability. A minimum of 10µF (typically Tantalum or low-ESR Electrolytic) is recommended. --- ### 5. Common Use Cases 1. **Post-Regulation:** Used after a switching power supply to provide a very "clean" (low noise) 2.5V rail. 2. **Microprocessors/FPGAs:** Powering the I/O or core logic of chips requiring high current at 2.5V. 3. **Battery Powered Systems:** Efficiency gains due to the low dropout voltage.
    ✨ Follow-up Questions
    • ⤷ What are the specific ESR requirements for the output capacitor to ensure stability?
    • ⤷ How does the thermal resistance of the D2PAK package affect the maximum power dissipation?
    • ⤷ Can this regulator be used in a parallel configuration to increase current output beyond 3A?