전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LD1117SC-R

  • AI
    ### LD1117SC-R: Overview and Specifications The **LD1117SC-R** is a low-drop voltage regulator (LDO) belonging to the popular LD1117 series. It is designed to provide a stable output voltage while requiring a very small difference between the input and output voltages (dropout voltage). --- ### 1. Key Technical Specifications The "SC" suffix typically refers to the **SOT-223** package, and the "-R" suffix indicates **Tape & Reel** packaging. | Feature | Specification | | :--- | :--- | | **Type** | Low Dropout (LDO) Linear Regulator | | **Output Voltage** | Adjustable (1.25V to 15V) or Fixed (e.g., 3.3V, 5V) | | **Output Current** | Up to 800 mA | | **Dropout Voltage** | 1.1 V (Typ) at 800 mA | | **Input Voltage (Max)** | 15 V | | **Package Type** | SOT-223 | | **Operating Temp** | 0°C to 125°C | --- ### 2. Internal Electronic Components The LD1117SC-R is an integrated circuit (IC) consisting of several internal stages: 1. **Reference Voltage Source:** An internal bandgap reference (typically 1.25V) used as a comparison point for voltage regulation. 2. **Error Amplifier:** Compares the output voltage (via a feedback loop) to the reference voltage and adjusts the pass transistor accordingly. 3. **NPN Pass Transistor:** The main power component that handles the current flow from input to output. 4. **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if it gets too hot. * **Current Limiting:** Protects the device from short circuits or excessive loads. --- ### 3. Pin Configuration (SOT-223) The SOT-223 package has three pins and a large thermal tab. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **ADJ / GND** | Ground for fixed versions; Feedback pin for adjustable versions. | | **2 / Tab** | **V_OUT** | Regulated output voltage. The Tab is connected to this pin. | | **3** | **V_IN** | Unregulated input voltage. | --- ### 4. Application Circuit Example For a stable output, the LD1117 series requires external capacitors. ```c // Typical Connection Diagram // Input Pin (3) ----[ 10uF Capacitor ]---- Ground // Output Pin (2) ----[ 10uF Tantalum ] ---- Ground // Adj/Gnd Pin (1)---- Ground (for Fixed version) ``` **Important Note:** The LD1117 is sensitive to the **Equivalent Series Resistance (ESR)** of the output capacitor. It is highly recommended to use a **10µF Tantalum capacitor** on the output to ensure stability across the entire load range. --- ### 5. Common Use Cases * **Post-regulation:** Cleaning up the output of switching power supplies. * **Battery Powered Logic:** Providing 3.3V to microcontrollers from a 5V source. * **Consumer Electronics:** Used in routers, set-top boxes, and monitors due to its low cost and small footprint.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor values for the adjustable version of the LD1117?
    • ⤷ What are the main differences between the SOT-223 and TO-220 versions of this regulator?
    • ⤷ Why is a tantalum capacitor preferred over a standard ceramic capacitor for this LDO?